Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N222 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. 2N222
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 2 page
background image
P2N2222A
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc, TA = –55°C)
(IC = 150 mAdc, VCE = 10 Vdc)(1)
(IC = 150 mAdc, VCE = 1.0 Vdc)(1)
(IC = 500 mAdc, VCE = 10 Vdc)(1)
hFE
35
50
75
35
100
50
40
300
Collector – Emitter Saturation Voltage(1)
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.3
1.0
Vdc
Base – Emitter Saturation Voltage(1)
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
0.6
1.2
2.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product(2)
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
300
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
25
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hie
2.0
0.25
8.0
1.25
k
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hre
8.0
4.0
X 10– 4
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
50
75
300
375
Output Admittance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hoe
5.0
25
35
200
mmhos
Collector Base Time Constant
(IE = 20 mAdc, VCB = 20 Vdc, f = 31.8 MHz)
rb
′Cc
150
ps
Noise Figure
(IC = 100 mAdc, VCE = 10 Vdc, RS = 1.0 kΩ, f = 1.0 kHz)
NF
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 30 Vdc, VBE(off) = –2.0 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc) (Figure 1)
td
10
ns
Rise Time
(VCC = 30 Vdc, VBE(off) = –2.0 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc) (Figure 1)
tr
25
ns
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = IB2 = 15 mAdc) (Figure 2)
ts
225
ns
Fall Time
IB1 = IB2 = 15 mAdc) (Figure 2)
tf
60
ns
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
2. fT is defined as the frequency at which |hfe| extrapolates to unity.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC4617NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
NTE253Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
MSC82003RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 3 4 5 STMicroelectronics
2SC2063RF Amplifier Epitaxial Planar NPN Silicon Transistors 1 2 3 4 Rohm
BD516PNP ILICON ANNULAR AMPLIFIER TRANSISTORS 1 2 Motorola, Inc
MSC4000RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 3 4 Advanced Power Technology
BC16116Amplifier Transistors PNP Silicon 1 2 3 4 5 MoreMotorola, Inc
MSB1218ART1PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
NTE131Germanium Complementary Transistors Audio Power Amplifier 1 2 NTE Electronics
NTE297Silicon Complementary Transistors Audio Amplifier Driver 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl