Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N222 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. 2N222
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 1 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
40
Vdc
Collector – Base Voltage
VCBO
75
Vdc
Emitter – Base Voltage
VEBO
6.0
Vdc
Collector Current — Continuous
IC
600
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector – Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
75
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
ICEX
10
nAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
(VCB = 60 Vdc, IE = 0, TA = 150°C)
ICBO
0.01
10
µAdc
Emitter Cutoff Current
(VEB = 3.0 Vdc, IC = 0)
IEBO
10
nAdc
Collector Cutoff Current
(VCE = 10 V)
ICEO
10
nAdc
Base Cutoff Current
(VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
IBEX
20
nAdc
Order this document
by P2N2222A/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
P2N2222A
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
1
2
BASE
3
EMITTER




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC4617NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
NTE253Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
MSC82003RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 3 4 5 STMicroelectronics
2SC2063RF Amplifier Epitaxial Planar NPN Silicon Transistors 1 2 3 4 Rohm
BD516PNP ILICON ANNULAR AMPLIFIER TRANSISTORS 1 2 Motorola, Inc
MSC4000RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 3 4 Advanced Power Technology
BC16116Amplifier Transistors PNP Silicon 1 2 3 4 5 MoreMotorola, Inc
MSB1218ART1PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
NTE131Germanium Complementary Transistors Audio Power Amplifier 1 2 NTE Electronics
NTE297Silicon Complementary Transistors Audio Amplifier Driver 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl