Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N222 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. 2N222
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 5 page
background image
P2N2222A
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 11. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
Figure 12. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
– 0.5
0
+0.5
– 1.0
– 1.5
– 2.5
RqVC for VCE(sat)
RqVB for VBE
0.1
1.0 2.0
5.0
10 20
50
0.2
0.5
100 200
500 1.0 k
1.0 V
– 2.0
0.1
1.0 2.0
5.0
10
20
50
0.2
0.5
100 200
500




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC4617NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
NTE253Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
MSC82003RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 3 4 5 STMicroelectronics
2SC2063RF Amplifier Epitaxial Planar NPN Silicon Transistors 1 2 3 4 Rohm
BD516PNP ILICON ANNULAR AMPLIFIER TRANSISTORS 1 2 Motorola, Inc
MSC4000RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 3 4 Advanced Power Technology
BC16116Amplifier Transistors PNP Silicon 1 2 3 4 5 MoreMotorola, Inc
MSB1218ART1PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
NTE131Germanium Complementary Transistors Audio Power Amplifier 1 2 NTE Electronics
NTE297Silicon Complementary Transistors Audio Amplifier Driver 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl