Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N222 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. 2N222
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 4 page
background image
P2N2222A
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 5. Turn – On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
50
10
20
70
5.0
100
5.0 7.0
30
50
200
10
30
7.0
20
IC/IB = 10
TJ = 25°C
tr @ VCC = 30 V
td @ VEB(off) = 2.0 V
td @ VEB(off) = 0
3.0
2.0
300
500
500
5.0
7.0
10
20
30
50
70
100
200
300
Figure 6. Turn – Off Time
IC, COLLECTOR CURRENT (mA)
10
20
70
100
5.0 7.0
30
50
200
300
500
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
t
′s = ts – 1/8 tf
tf
Figure 7. Frequency Effects
f, FREQUENCY (kHz)
4.0
6.0
8.0
10
2.0
0.1
Figure 8. Source Resistance Effects
RS, SOURCE RESISTANCE (OHMS)
1.0 2.0
5.0 10
20
50
0.2
0.5
0
100
0.01 0.02
0.05
RS = OPTIMUM
RS = SOURCE
RS = RESISTANCE
IC = 1.0 mA, RS = 150 Ω
500
µA, RS = 200 Ω
100
µA, RS = 2.0 kΩ
50
µA, RS = 4.0 kΩ
f = 1.0 kHz
IC = 50 µA
100
µA
500
µA
1.0 mA
4.0
6.0
8.0
10
2.0
0
50
100
200
500
1.0 k 2.0 k
5.0 k 10 k 20 k
50 k 100 k
Figure 9. Capacitances
REVERSE VOLTAGE (VOLTS)
3.0
5.0
7.0
10
2.0
0.1
1.0
2.0 3.0
5.0 7.0 10
20 30
50
0.2 0.3
0.5 0.7
Ccb
20
30
Ceb
Figure 10. Current–Gain Bandwidth Product
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
500
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70 100
VCE = 20 V
TJ = 25°C




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC4617NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
NTE253Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
MSC82003RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 3 4 5 STMicroelectronics
2SC2063RF Amplifier Epitaxial Planar NPN Silicon Transistors 1 2 3 4 Rohm
BD516PNP ILICON ANNULAR AMPLIFIER TRANSISTORS 1 2 Motorola, Inc
MSC4000RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 3 4 Advanced Power Technology
BC16116Amplifier Transistors PNP Silicon 1 2 3 4 5 MoreMotorola, Inc
MSB1218ART1PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
NTE131Germanium Complementary Transistors Audio Power Amplifier 1 2 NTE Electronics
NTE297Silicon Complementary Transistors Audio Amplifier Driver 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl