Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVBS4201T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVBS4201T3G
Description  200V, 4A Schottky Fast Soft-Recovery
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVBS4201T3G Datasheet(HTML) 3 Page - ON Semiconductor

  NRVBS4201T3G Datasheet HTML 1Page - ON Semiconductor NRVBS4201T3G Datasheet HTML 2Page - ON Semiconductor NRVBS4201T3G Datasheet HTML 3Page - ON Semiconductor NRVBS4201T3G Datasheet HTML 4Page - ON Semiconductor NRVBS4201T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRS4201T3G, NRVBS4201T3G
http://onsemi.com
3
0.1
1
10
100
0.2 0.3 0.4
0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
VF, INSTANTANEOUS VOLTAGE (V)
Figure 1. Typical Forward Voltage
25C
150C
100C
0.1
1
10
100
0.2 0.3 0.4 0.5 0.6 0.7
0.8 0.9
1
1.1 1.2
25C
150C
100C
VF, INSTANTANEOUS VOLTAGE (V)
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
VR, REVERSE VOLTAGE (V)
Figure 4. Maximum Reverse Current
0
20
40
60
80
100 120 140 160 180200
1E−9
1E−8
1E−7
1E−6
1E−5
1E−4
1E−3
1E−2
1E−1
100C
150C
25C
1.0E−06
160
0
20
40
60
80 100
VR, REVERSE VOLTAGE (V)
120 140
180 200
TC = 25C
TC = 150C
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1
10
100
1000
0
20
40
60
80
100 120 140 160 180 200
VR, REVERSE VOLTAGE (V)
Figure 5. Typical Capacitance


Similar Part No. - NRVBS4201T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVBS410L ONSEMI-NRVBS410L Datasheet
182Kb / 5P
   Surface Mount Schottky Power Rectifier
August, 2017 - Rev. 7
NRVBS410LT3G ONSEMI-NRVBS410LT3G Datasheet
67Kb / 4P
   Surface Mount Schottky Power Rectifier
February, 2016 ??Rev. 4
NRVBS410LT3G ONSEMI-NRVBS410LT3G Datasheet
182Kb / 5P
   Surface Mount Schottky Power Rectifier
August, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com