Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRA340T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRA340T3G
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRA340T3G Datasheet(HTML) 3 Page - ON Semiconductor

  MBRA340T3G Datasheet HTML 1Page - ON Semiconductor MBRA340T3G Datasheet HTML 2Page - ON Semiconductor MBRA340T3G Datasheet HTML 3Page - ON Semiconductor MBRA340T3G Datasheet HTML 4Page - ON Semiconductor MBRA340T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRA340T3G, NRVBA340T3G
http://onsemi.com
3
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
10E−6
100E−6
30
40
20
10
0
100E−9
100E−12
TJ = 125°C
1E−3
1E−6
10E−9
1E−9
TJ = −55°C
TJ = 25°C
TJ = 100°C
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
10E−6
100E−6
30
40
20
10
0
TJ = 125°C
1E−3
1E−6
TJ = −55°C
TJ = 25°C
TJ = 100°C
Figure 5. Current Derating
25
50
75
0
2.5
TL, LEAD TEMPERATURE (°C)
Figure 6. Forward Power Dissipation
0.5
1.5
2
3
0
1
2.5
1.8
0
0.6
IO, AVERAGE FORWARD CURRENT (AMPS)
Figure 7. Capacitance
0.5
1
1.5
2
5
3
3.5
4.5
SQUARE WAVE
dc
3.5
5
4.5
0.2
0.4
1.0
0.8
1.6
100
150
125
Figure 8. Typical Operating Temperature
Derating
VR, REVERSE VOLTAGE (VOLTS)
30
25
20
15
10
5
0
100
1000
40
VR, DC REVERSE VOLTAGE (VOLTS)
30
25
20
15
10
5
0
115
105
95
85
75
65
55
125
Ipk/IO = 10
Ipk/IO = 5
Ipk/IO = p
freq = 20 kHz
1.4
1.2
dc
SQUARE
WAVE
Ipk/IO = p
Ipk/IO = 5
Ipk/IO = 10
Ipk/IO = 20
35
TJ = 25 °C
40
35
RqJA = 22 °C/W
RqJA = 43 °C/W
RqJA = 96 °C/W
RqJA = 81 °C/W
4
4
RqJA = 63 °C/W


Similar Part No. - MBRA340T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA340T3G ONSEMI-MBRA340T3G Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA340T3G ONSEMI-MBRA340T3G Datasheet
54Kb / 5P
   Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
October, 2006 ??Rev. 4
MBRA340T3G ONSEMI-MBRA340T3G Datasheet
204Kb / 6P
   Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
March, 2020 - Rev. 12
More results

Similar Description - MBRA340T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com