Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C010-15JI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT28C010-15JI
Description  1 Megabit 128K x 8 Paged CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C010-15JI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT28C010-15JI Datasheet HTML 3Page - ATMEL Corporation AT28C010-15JI Datasheet HTML 4Page - ATMEL Corporation AT28C010-15JI Datasheet HTML 5Page - ATMEL Corporation AT28C010-15JI Datasheet HTML 6Page - ATMEL Corporation AT28C010-15JI Datasheet HTML 7Page - ATMEL Corporation AT28C010-15JI Datasheet HTML 8Page - ATMEL Corporation AT28C010-15JI Datasheet HTML 9Page - ATMEL Corporation AT28C010-15JI Datasheet HTML 10Page - ATMEL Corporation AT28C010-15JI Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Package Type
32D6
32 Lead, 0.600" Wide, Non-Windowed, Ceramic Dual Inline (CERDIP)
32F
32 Lead, Non-Windowed, Ceramic Bottom-Brazed Flat Package (Flatpack)
32L
32 Pad, Non-Windowed, Ceramic Leadless Chip Carrier (LCC)
44L
44 Pad, Non-Windowed, Ceramic Leadless Chip Carrier (LCC)
30U
30 Pin, Ceramic Pin Grid Array (PGA)
W
Die
Options
Blank
Standard Device: Endurance = 10K Write Cycles; Write Time = 10 ms
E
High Endurance Option: Endurance = 100K Write Cycles
The following table lists standard Atmel products that can be ordered.
Device Numbers
Speed
Package and Temperature Combinations
AT28C010
12
DM/883, EM/883, FM/883, LM/883, UM/883
AT28C010E
12
DM/883, EM/883, LM/883, UM/883
AT28C010
15
DM/883, EM/883, FM/883, LM/883, UM/883
AT28C010E
15
DM/883, EM/883, LM/883, UM/883
AT28C010
20
DM/883, EM/883, FM/883, LM/883, UM/883
AT28C010E
20
DM/883, EM/883, LM/883, UM/883
AT28C010
25
DM/883, EM/883, FM/883, LM/883, UM/883
AT28C010E
25
DM/883, EM/883, LM/883, UM/883
Valid Part Numbers
AT28C010 Mil
2-253


Similar Part No. - AT28C010-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-15JI ATMEL-AT28C010-15JI Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
More results

Similar Description - AT28C010-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com