Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256C1-10CC-2.7 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C256C1-10CC-2.7
Description  2-Wire Serial EEPROMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256C1-10CC-2.7 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C256C1-10CC-2.7 Datasheet HTML 1Page - ATMEL Corporation AT24C256C1-10CC-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24C256C1-10CC-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24C256C1-10CC-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C256C1-10CC-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C256C1-10CC-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C256C1-10CC-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C256C1-10CC-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C256C1-10CC-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AT24C128/256
3
Pin Capacitance(1)
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +1.8V.
Note:
This parameter is characterized and is not 100% tested.
DC Characteristics
Applicable over recommended operating range from: T
AI = -40°C to +85°C, VCC = +1.8V to +5.5V, TAC = 0°C to +70°C,
V
CC = +1.8V to +5.5V (unless otherwise noted).
Note:
V
IL min and VIH max are reference only and are not tested
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O = 0V
C
IN
Input Capacitance (A
0, A1, SCL)
6
pF
V
IN = 0V
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
1.8
3.6
V
V
CC2
Supply Voltage
2.7
5.5
V
V
CC3
Supply Voltage
4.5
5.5
V
I
CC1
Supply Current
V
CC = 5.0V
READ at 400 kHz
1.0
2.0
mA
I
CC2
Supply Current
V
CC = 5.0V
WRITE at 400 kHz
2.0
3.0
mA
I
SB1
Standby Current
(1.8V option)
V
CC = 1.8V
V
IN = VCC or VSS
0.2
µA
V
CC = 3.6V
2.0
I
SB2
Standby Current
(2.7V option)
V
CC = 2.7V
V
IN = VCC or VSS
0.5
µA
V
CC = 5.5V
6.0
I
SB3
Standby Current
(5.0V option)
V
CC = 4.5 - 5.5V
V
IN = VCC or VSS
6.0
µA
I
LI
Input Leakage Current
V
IN = VCC or VSS
0.10
3.0
µA
I
LO
Output Leakage Current
V
OUT = VCC or VSS
0.05
3.0
µA
V
IL
Input Low Level(Note:)
-0.6
V
CC x 0.3
V
V
IH
Input High Level(Note:)
V
CC x 0.7
V
CC + 0.5
V
V
OL2
Output Low Level
V
CC = 3.0V
I
OL = 2.1 mA
0.4
V
V
OL1
Output Low Level
V
CC = 1.8V
I
OL = 0.15 mA
0.2
V


Similar Part No. - AT24C256C1-10CC-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C Datasheet
416Kb / 23P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256C ATMEL-AT24C256C Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
AT24C256C ATMEL-AT24C256C Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C256C-CUL-T ATMEL-AT24C256C-CUL-T Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
AT24C256C-CUL-T ATMEL-AT24C256C-CUL-T Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
More results

Similar Description - AT24C256C1-10CC-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com