Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8664ST33T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8664ST33T3G
Description  Very Low Iq Low Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8664ST33T3G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8664ST33T3G Datasheet HTML 1Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 2Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 3Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 4Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 5Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 6Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 7Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 8Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCV8664
http://onsemi.com
3
LEAD SOLDERING TEMPERATURE AND MSL
Rating
Symbol
Min
Max
Unit
Lead Temperature Soldering
Reflow (SMD Styles Only), Lead Free (Note 3)
Tsld
265 pk
°C
Moisture Sensitivity Level
SOT223
DPAK
SOIC−8 Fused
MSL
3
2
1
3. Lead Free, 60 sec – 150 sec above 217°C, 40 sec max at peak.
ELECTRICAL CHARACTERISTICS (VIN = 13.5 V, Tj = −40°C to +150°C, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
5.0 V Version
VOUT
0.1 mA v IOUT v 150 mA (Note 4)
6.0 V v VIN v 28 V
4.900
5.000
5.100
V
Output Voltage
5.0 V Version
VOUT
0 mA v IOUT v 150 mA
5.5 V v VIN v 28 V
−40°C v TJ v 125°C
4.900
5.000
5.100
V
Output Voltage
3.3 V Version
VOUT
0.1 mA v IOUT v 150 mA (Note 4)
4.5 V v VIN v 28 V
3.234
3.300
3.366
V
Line Regulation
5.0 V Version
DVOUT vs. VIN
IOUT = 5.0 mA
6.0 V v VIN v 28 V
−25
5.0
+25
mV
Line Regulation
3.3 V Version
DVOUT vs. VIN
IOUT = 5.0 mA
4.5 V v VIN v 28 V
−25
5.0
+25
mV
Load Regulation
DVOUT vs. IOUT
1.0 mA v IOUT v 150 mA
(Note 4)
−35
5.0
+35
mV
Dropout Voltage
5.0 V Version
VIN−VOUT
IQ = 100 mA (Notes 4 & 5)
IQ = 150 mA (Notes 4 & 5)
265
315
500
600
mV
Dropout Voltage
3.3 V Version
VIN−VOUT
IQ = 100 mA (Notes 4 & 7)
IQ = 150 mA (Notes 4 & 7)
1.266
1.266
V
Quiescent Current
Iq
IOUT = 100 mA
TJ = 25°C
TJ = −40°C to +85°C
21
22
29
30
mA
Active Ground Current
IG(ON)
IOUT = 50 mA (Note 4)
IOUT = 150 mA (Note 4)
1.3
8.0
3
15
mA
Power Supply Rejection
PSRR
VRIPPLE = 0.5 VP−P, F = 100 Hz
67
dB
Output Capacitor for Stability
5.0 V Version
COUT
ESR
IOUT = 0.1 mA to 150 mA
(Note 4)
10
9.0
mF
W
Output Capacitor for Stability
3.3 V Version
COUT
ESR
IOUT = 0.1 mA to 150 mA
(Note 4)
22
18
mF
W
PROTECTION
Current Limit
IOUT(LIM)
VOUT = 4.5 V (5.0 V Version) (Note 4)
VOUT = 3.0 V (3.3 V Version) (Note 4)
150
150
500
500
mA
Short Circuit Current Limit
IOUT(SC)
VOUT = 0 V (Note 4)
100
500
mA
Thermal Shutdown Threshold
TTSD
(Note 6)
150
200
°C
4. Use pulse loading to limit power dissipation.
5. Dropout voltage = (VIN – VOUT), measured when the output voltage has dropped 100 mV relative to the nominal value obtained with VIN = 13.5 V.
6. Not tested in production. Limits are guaranteed by design.
7. VDO = VIN − VOUT. For output voltage set to < 4.5 V, VDO will be constrained by the minimum input voltage.


Similar Part No. - NCV8664ST33T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664ST33T3G ONSEMI-NCV8664ST33T3G Datasheet
152Kb / 13P
   Ultra?묹ow Iq Low Dropout Linear Regulator
March, 2007 ??Rev. 7
More results

Similar Description - NCV8664ST33T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664C ONSEMI-NCV8664C_17 Datasheet
99Kb / 13P
   Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com