Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD01N60-1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NDD01N60-1G
Description  N-Channel Power MOSFET 600 V, 8.5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD01N60-1G Datasheet(HTML) 7 Page - ON Semiconductor

  NDD01N60-1G Datasheet HTML 1Page - ON Semiconductor NDD01N60-1G Datasheet HTML 2Page - ON Semiconductor NDD01N60-1G Datasheet HTML 3Page - ON Semiconductor NDD01N60-1G Datasheet HTML 4Page - ON Semiconductor NDD01N60-1G Datasheet HTML 5Page - ON Semiconductor NDD01N60-1G Datasheet HTML 6Page - ON Semiconductor NDD01N60-1G Datasheet HTML 7Page - ON Semiconductor NDD01N60-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NDD01N60, NDT01N60
http://onsemi.com
7
PACKAGE DIMENSIONS
12
3
4
V
S
A
K
−T−
SEATING
PLANE
R
B
F
G
D 3 PL
M
0.13 (0.005)
T
C
E
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.350
0.380
8.89
9.65
R
0.180
0.215
4.45
5.45
S
0.025
0.040
0.63
1.01
V
0.035
0.050
0.89
1.27
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
Z
Z
0.155
−−−
3.93
−−−
IPAK
CASE 369D
ISSUE C
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN


Similar Part No. - NDD01N60-1G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDD01N60-1G VBSEMI-NDD01N60-1G Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
More results

Similar Description - NDD01N60-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD01N60 ONSEMI-NDD01N60 Datasheet
136Kb / 8P
   N-Channel Power MOSFET 600 V, 8.5 ohm
January, 2013 ??Rev. 2
NDF06N60ZH ONSEMI-NDF06N60ZH Datasheet
116Kb / 8P
   N-Channel Power MOSFET 600 V, 1.2 
February, 2013 ??Rev. 6
NDF03N60Z ONSEMI-NDF03N60Z Datasheet
167Kb / 10P
   N-Channel Power MOSFET 600 V, 3.3 
April, 2010 ??Rev. 3
NDF08N60Z ONSEMI-NDF08N60Z Datasheet
118Kb / 6P
   N-Channel Power MOSFET 600 V, 0.95 ?
July, 2010 ??Rev. 0
NDF02N60ZH ONSEMI-NDF02N60ZH Datasheet
146Kb / 10P
   N-Channel Power MOSFET 600 V, 4.8 
July, 2013 ??Rev. 7
NDF03N60ZH ONSEMI-NDF03N60ZH Datasheet
137Kb / 10P
   N-Channel Power MOSFET 600 V, 3.6 
July, 2013 ??Rev. 7
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
NDF04N60ZH ONSEMI-NDF04N60ZH Datasheet
140Kb / 9P
   N-Channel Power MOSFET 600 V, 2.0 Ohm
June, 2013 ??Rev. 8
NDF10N60ZH ONSEMI-NDF10N60ZH Datasheet
119Kb / 8P
   N-Channel Power MOSFET 600 V, 0.75 Ohm
February, 2012 ??Rev. 10
logo
VBsemi Electronics Co.,...
4N40L-TA3-T VBSEMI-4N40L-TA3-T Datasheet
1Mb / 9P
   N-Channel 600 V (D-S) Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com