Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8664DT33RKG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8664DT33RKG
Description  Very Low Iq Low Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8664DT33RKG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8664DT33RKG Datasheet HTML 1Page - ON Semiconductor NCV8664DT33RKG Datasheet HTML 2Page - ON Semiconductor NCV8664DT33RKG Datasheet HTML 3Page - ON Semiconductor NCV8664DT33RKG Datasheet HTML 4Page - ON Semiconductor NCV8664DT33RKG Datasheet HTML 5Page - ON Semiconductor NCV8664DT33RKG Datasheet HTML 6Page - ON Semiconductor NCV8664DT33RKG Datasheet HTML 7Page - ON Semiconductor NCV8664DT33RKG Datasheet HTML 8Page - ON Semiconductor NCV8664DT33RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCV8664
http://onsemi.com
5
Typical Curves
Iout = 100 mA
−40°C
125°C
25°C
Figure 4. ESR Characterization, 5.0 V Version
Figure 5. Output Voltage vs. Input Voltage,
5.0 V Version
LOAD CURRENT (mA)
INPUT VOLTAGE (V)
140
120
100
80
60
40
20
0
0.01
10
100
1000
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
5.0
6.0
Figure 6. Current Consumption vs. Output
Load, 5.0 V Version
OUTPUT CURRENT (mA)
150
100
50
0
0
2.0
4.0
9.0
180
160
Maximum ESR
Cout = 10, 22 mF
Stable Region
Vin = 13.5 V
6.0
8.0
7.0
200
8.0
Figure 7. Current Consumption vs. Output
Load (Low Load), 5.0 V Version
OUTPUT CURRENT (mA)
15
10
5.0
0
0
0.05
0.10
0.15
0.30
0.35
0.40
0.25
20
−40°C
125°C
25°C
0.20
Figure 8. Quiescent Current vs. Temperature,
5.0 V Version
TEMPERATURE (°C)
100
50
−50
0
5.0
15
45
20
30
35
Figure 9. Quiescent Current vs. Temperature,
5.0 V Version
TEMPERATURE (°C)
50
0
−50
0
2.0
4.0
8.0
10
12
6.0
10
25
40
0
150
Iout = 150 mA
100
150
Vin = 13.5 V
Vin = 13.5 V
Vin = 13.5 V
Vin = 13.5 V
Iout = 100 mA
1.0
3.0
5.0
1.0
0.1


Similar Part No. - NCV8664DT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
More results

Similar Description - NCV8664DT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664C ONSEMI-NCV8664C_17 Datasheet
99Kb / 13P
   Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com