Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV59150DS50R4G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV59150DS50R4G
Description  1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV59150DS50R4G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV59150DS50R4G Datasheet HTML 3Page - ON Semiconductor NCV59150DS50R4G Datasheet HTML 4Page - ON Semiconductor NCV59150DS50R4G Datasheet HTML 5Page - ON Semiconductor NCV59150DS50R4G Datasheet HTML 6Page - ON Semiconductor NCV59150DS50R4G Datasheet HTML 7Page - ON Semiconductor NCV59150DS50R4G Datasheet HTML 8Page - ON Semiconductor NCV59150DS50R4G Datasheet HTML 9Page - ON Semiconductor NCV59150DS50R4G Datasheet HTML 10Page - ON Semiconductor NCV59150DS50R4G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NCP59150, NCV59150 Series
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 16. Output Voltage vs. Temperature
(VOUTnom = 2.5 V, IOUT = 10 mA)
Figure 17. PSRR vs. Frequency, Vin = 3.5 V +
200 mVpp Modulation, Vout = 2.5 V, Iout = 0.5 A
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
0
10
30
40
50
60
80
90
Figure 18. PSRR vs. Frequency, Vin = 3.5 V +
200 mVpp Modulation, Vout = 2.5 V, Iout = 1.5 A
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
0
10
20
30
40
60
70
80
TEMPERATURE (C)
110
90
70
30
10
−10
−30
−50
2.40
2.45
2.50
2.55
2.60
50
130
20
70
Cout = 47 mF
Cout = 100 mF
50
Cout = 47 mF
Cout = 100 mF
10
9
8
7
6
5
4
3
2
1
0
FLAG VOLTAGE (V)
02
4
6
8
10
12
14
16
18
20
Figure 19. Flag Current vs. Flag Voltage
Vin = 2.24 V, 25C
Flag Open collector output is ON
0.6
0
0.5
1.0 1.5
2.0 2.5
3.0 3.5
4.0 4.5
5.0
0.5
0.4
0.3
0.2
0.1
0
FLAG CURRENT (mA)
Figure 20. Flag Voltage vs. Flag Current
Vin = 2.24 V, 25C
Flag Open collector output = Logic L


Similar Part No. - NCV59150DS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV59150DS50R4G ONSEMI-NCV59150DS50R4G Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCV59150DS50R4G ONSEMI-NCV59150DS50R4G Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
More results

Similar Description - NCV59150DS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151DS33R4G ONSEMI-NCP59151DS33R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59300 ONSEMI-NCP59300_13 Datasheet
621Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 4
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com