Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8405A Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8405A
Description  Self-Protected Low Side Driver with Temperature and Current Limit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8405A Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8405A Datasheet HTML 3Page - ON Semiconductor NCV8405A Datasheet HTML 4Page - ON Semiconductor NCV8405A Datasheet HTML 5Page - ON Semiconductor NCV8405A Datasheet HTML 6Page - ON Semiconductor NCV8405A Datasheet HTML 7Page - ON Semiconductor NCV8405A Datasheet HTML 8Page - ON Semiconductor NCV8405A Datasheet HTML 9Page - ON Semiconductor NCV8405A Datasheet HTML 10Page - ON Semiconductor NCV8405A Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCV8405, NCV8405A
http://onsemi.com
7
TYPICAL PERFORMANCE CURVES
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
PULSE WIDTH (sec)
Figure 20. Transient Thermal Resistance
0
20
40
60
80
100
120
140
0
100
200
300
400
500
600
700
COPPER HEAT SPREADER AREA (mm2)
Figure 21. qJA vs. Copper
qJA Curve with PCB cu thk 1.0 oz
qJA Curve with PCB cu thk 2.0 oz
TA 25°C


Similar Part No. - NCV8405A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8405A ONSEMI-NCV8405A Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8405A ONSEMI-NCV8405A Datasheet
111Kb / 12P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 5
NCV8405A ONSEMI-NCV8405A Datasheet
255Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
June, 2019 - Rev. 8
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
More results

Similar Description - NCV8405A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8402ASTT3G ONSEMI-NCV8402ASTT3G Datasheet
128Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2012 ??Rev. 8
NCV8405 ONSEMI-NCV8405 Datasheet
164Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2009 ??Rev. P0
NCV8406ASTT1G ONSEMI-NCV8406ASTT1G Datasheet
147Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 2
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401 ONSEMI-NCV8401 Datasheet
156Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2010 ??Rev. 7
NCV8402 ONSEMI-NCV8402 Datasheet
158Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2009 ??Rev. 6
NCV8401 ONSEMI-NCV8401_12 Datasheet
134Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2012 ??Rev. 10
NCV8401A ONSEMI-NCV8401A_V01 Datasheet
189Kb / 11P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2017 - Rev. 13
NCV8408-D ONSEMI-NCV8408-D Datasheet
117Kb / 7P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2012 ??Rev. 0
NCV8408 ONSEMI-NCV8408 Datasheet
160Kb / 9P
   Self-Protected Low Side Driver with Temperature and Current Limit
March, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com