Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA0372B Datasheet(PDF) 4 Page - ON Semiconductor

Part # TCA0372B
Description  1.0 A Output Current, Dual Power Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCA0372B Datasheet(HTML) 4 Page - ON Semiconductor

  TCA0372B Datasheet HTML 1Page - ON Semiconductor TCA0372B Datasheet HTML 2Page - ON Semiconductor TCA0372B Datasheet HTML 3Page - ON Semiconductor TCA0372B Datasheet HTML 4Page - ON Semiconductor TCA0372B Datasheet HTML 5Page - ON Semiconductor TCA0372B Datasheet HTML 6Page - ON Semiconductor TCA0372B Datasheet HTML 7Page - ON Semiconductor TCA0372B Datasheet HTML 8Page - ON Semiconductor TCA0372B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TCA0372, TCA0372B, NCV0372B
http://onsemi.com
4
VCC = +15 V
VEE = -15 V
RL = 2.0 kW
Figure 2. Supply Current versus Supply
Voltage with No Load
Figure 3. Output Saturation Voltage
versus Load Current
Figure 4. Voltage Gain and Phase
versus Frequency
Figure 5. Phase Margin versus Output
Load Capacitance
Figure 6. Small Signal Transient Response
Figure 7. Large Signal Transient Response
t, TIME (1.0
ms/DIV)
t, TIME (10
ms/DIV)
6.5
5.5
4.5
3.5
2.5
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
VCC, |VEE|, SUPPLY VOLTAGE (V)
01.0
0.5
IL, LOAD CURRENT (A)
80
40
20
-20
1.0
10
100
1000
10000
130
120
110
100
90
80
f, FREQUENCY (kHz)
0.4
CL, OUTPUT LOAD CAPACITANCE (nF)
60
70
50
40
30
20
0
0.8
1.2
1.6
2.0
VCC = +15 V
VEE = -15 V
RL = 2.0 kW
AV = -100
VCC = 24 V
VEE = 0 V
60
VCC = +15 V
VEE = -15 V
AV = +1.0
RL = 2.0 kW
VCC = +15 V
VEE = -15 V
AV = +1.0
RL = 2.0 kW
VCC
VCC-1.0
VCC-2.0
VCC+2.0
VEE
VCC+1.0


Similar Part No. - TCA0372B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCA0372B ONSEMI-TCA0372B Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
TCA0372BDP1 ONSEMI-TCA0372BDP1 Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
TCA0372BDP1G ONSEMI-TCA0372BDP1G Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
TCA0372BDWR2 ONSEMI-TCA0372BDWR2 Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
TCA0372BDWR2G ONSEMI-TCA0372BDWR2G Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
More results

Similar Description - TCA0372B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCA0372 ONSEMI-TCA0372_05 Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
NCS2372 ONSEMI-NCS2372 Datasheet
151Kb / 6P
   1.0 A Output Current Dual Power Operational Amplifiers
July, 2013 ??Rev. 1
logo
Panasonic Semiconductor
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5216 MITSUBISHI-M5216 Datasheet
271Kb / 4P
   Dual Large-Current Operational Amplifiers(Dual Power Supply Type)
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 CIRRUS-PA74 Datasheet
212Kb / 5P
   Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com