Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA0372B Datasheet(PDF) 8 Page - ON Semiconductor

Part # TCA0372B
Description  1.0 A Output Current, Dual Power Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCA0372B Datasheet(HTML) 8 Page - ON Semiconductor

Back Button TCA0372B Datasheet HTML 2Page - ON Semiconductor TCA0372B Datasheet HTML 3Page - ON Semiconductor TCA0372B Datasheet HTML 4Page - ON Semiconductor TCA0372B Datasheet HTML 5Page - ON Semiconductor TCA0372B Datasheet HTML 6Page - ON Semiconductor TCA0372B Datasheet HTML 7Page - ON Semiconductor TCA0372B Datasheet HTML 8Page - ON Semiconductor TCA0372B Datasheet HTML 9Page - ON Semiconductor TCA0372B Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TCA0372, TCA0372B, NCV0372B
http://onsemi.com
8
PACKAGE DIMENSIONS
PDIP−8
DP1 SUFFIX
CASE 626−05
ISSUE M
14
5
8
F
NOTE 5
D
e
b
L
A1
A
E3
E
A
TOP VIEW
C SEATING
PLANE
0.010
CA
SIDE VIEW
END VIEW
END VIEW
NOTE 3
DIM
MIN
NOM
MAX
INCHES
A
−−−−
−−−−
0.210
A1 0.015
−−−−
−−−−
b
0.014
0.018
0.022
C
0.008
0.010
0.014
D
0.355
0.365
0.400
D1 0.005
−−−−
−−−−
e
0.100 BSC
E
0.300
0.310
0.325
L
0.115
0.130
0.150
−−−−
−−−−
5.33
0.38
−−−−
−−−−
0.35
0.46
0.56
0.20
0.25
0.36
9.02
9.27
10.02
0.13
−−−−
−−−−
2.54 BSC
7.62
7.87
8.26
2.92
3.30
3.81
MIN
NOM
MAX
MILLIMETERS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSION E IS MEASURED WITH THE LEADS RE-
STRAINED PARALLEL AT WIDTH E2.
4. DIMENSION E1 DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
E1
0.240
0.250
0.280
6.10
6.35
7.11
E2
E3
−−−−
−−−−
0.430
−−−−
−−−−
10.92
0.300 BSC
7.62 BSC
E1
D1
M
8X
e/2
E2
c
PDIP−16
DP2 SUFFIX
CASE 648−08
ISSUE T
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS
WHEN FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE
MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
−A−
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
−T−
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_


Similar Part No. - TCA0372B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCA0372B ONSEMI-TCA0372B Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
TCA0372BDP1 ONSEMI-TCA0372BDP1 Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
TCA0372BDP1G ONSEMI-TCA0372BDP1G Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
TCA0372BDWR2 ONSEMI-TCA0372BDWR2 Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
TCA0372BDWR2G ONSEMI-TCA0372BDWR2G Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
More results

Similar Description - TCA0372B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCA0372 ONSEMI-TCA0372_05 Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
NCS2372 ONSEMI-NCS2372 Datasheet
151Kb / 6P
   1.0 A Output Current Dual Power Operational Amplifiers
July, 2013 ??Rev. 1
logo
Panasonic Semiconductor
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5216 MITSUBISHI-M5216 Datasheet
271Kb / 4P
   Dual Large-Current Operational Amplifiers(Dual Power Supply Type)
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 CIRRUS-PA74 Datasheet
212Kb / 5P
   Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com