Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4620DSQ18T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4620DSQ18T1G
Description  150 mA, 10 V, Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4620DSQ18T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4620DSQ18T1G Datasheet HTML 1Page - ON Semiconductor NCP4620DSQ18T1G Datasheet HTML 2Page - ON Semiconductor NCP4620DSQ18T1G Datasheet HTML 3Page - ON Semiconductor NCP4620DSQ18T1G Datasheet HTML 4Page - ON Semiconductor NCP4620DSQ18T1G Datasheet HTML 5Page - ON Semiconductor NCP4620DSQ18T1G Datasheet HTML 6Page - ON Semiconductor NCP4620DSQ18T1G Datasheet HTML 7Page - ON Semiconductor NCP4620DSQ18T1G Datasheet HTML 8Page - ON Semiconductor NCP4620DSQ18T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP4620
http://onsemi.com
2
Current Limit
Thermal Shutdown
VIN
GND
Vref
CE
VOUT
NCP4620Hxxxx
Current Limit
Thermal Shutdown
VIN
GND
Vref
CE
VOUT
NCP4620Dxxxx
Figure 2. Simplified Schematic Block Diagram
PIN FUNCTION DESCRIPTION
Pin No.
SC−70
Pin No.
SOT23
Pin Name
Description
5
1
VIN
Input pin
3
2
GND
Ground
1
3
CE
Chip enable pin (Active “H”)
4
5
VOUT
Output pin
2
4
NC
No connection
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
12.0
V
Output Voltage
VOUT
−0.3 to VIN + 0.3
V
Chip Enable Input
VCE
12.0
V
Output Current
IOUT
165
mA
Power Dissipation − SC−70
PD
380
mW
Power Dissipation − SOT23
420
Operating Temperature
TA
−40 to +85
°C
Maximum Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
−55 to +125
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.


Similar Part No. - NCP4620DSQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620DSQ18T1G ONSEMI-NCP4620DSQ18T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
More results

Similar Description - NCP4620DSQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620HSN33T1G ONSEMI-NCP4620HSN33T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620 ONSEMI-NCP4620 Datasheet
332Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
December, 2010 ??Rev. P0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP4625HSN18T1G ONSEMI-NCP4625HSN18T1G Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4625 ONSEMI-NCP4625 Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com