Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV59150 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV59150
Description  1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV59150 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV59150 Datasheet HTML 1Page - ON Semiconductor NCV59150 Datasheet HTML 2Page - ON Semiconductor NCV59150 Datasheet HTML 3Page - ON Semiconductor NCV59150 Datasheet HTML 4Page - ON Semiconductor NCV59150 Datasheet HTML 5Page - ON Semiconductor NCV59150 Datasheet HTML 6Page - ON Semiconductor NCV59150 Datasheet HTML 7Page - ON Semiconductor NCV59150 Datasheet HTML 8Page - ON Semiconductor NCV59150 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 1
1
Publication Order Number:
NCP59150/D
NCP59150, NCV59150 Series
1.5 A, Very Low-Dropout
(VLDO) Fast Transient
Response Regulator Series
The NCP59150 series are high precision, very low dropout
(VLDO), low ground current positive voltage regulators that are
capable of providing an output current in excess of 1.5 A with a typical
dropout voltage lower than 300 mV at 1.5 A load current. The devices
are stable with ceramic output capacitors. This series consists of
Adjustable output voltage and fixed voltage versions.
The NCP59150 series can withstand up to 18 V max input voltage.
Internal protection features consist of output current limiting,
built−in thermal shutdown and reverse output current protection.
Logic level enable and error flag pins are available on the 5−pin and
8−pin versions.
The NCP59150 series Adjustable Voltage devices are available in
D2PAK−5 and DFN8 packages, the Fixed Voltage option are available
in D2PAK−5, D2PAK−3 and DFN8 packages.
Features
Output Current in Excess of 1.5 A
300 mV Typical Dropout Voltage at 1.5 A
Adjustable and Fixed Output Voltage Options
Low Ground Current
Fast Transient Response
Stable with Ceramic Output Capacitor
Logic Compatible Enable and Error Flag Pins
Current Limit, Reverse Current and Thermal Shutdown Protection
Operation up to 13.5 V Input Voltage
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Applications
Consumer and Industrial Equipment Point of Regulation
Servers and Networking Equipment
FPGA, DSP and Logic Power Supplies
Switching Power Supply Post Regulation
Battery Chargers
Functional Replacement for Industry Standard MIC29150,
MIC39150, MIC37150
MARKING
DIAGRAMS
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
D2PAK
CASE 936A
1
5
5915z−xx
AWLYWWG
y
D2PAK3
CASE 936
1
3
59150−xx
AWLYWWG
y
TAB
TAB
1
1
xx
= Voltage Version
y
= P (NCP), V (NCV)
z
= 1 (Fix Voltage), 2 (Adj)
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G, G
= Pb−Free Package
Ncy59
15z−xx
ALYWG
G
1
DFN8
CASE 488AF
(*Note: Microdot may be in either location)


Similar Part No. - NCV59150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV59150 ONSEMI-NCV59150 Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCV59150 ONSEMI-NCV59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCV59150DS18R4G ONSEMI-NCV59150DS18R4G Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCV59150DS18R4G ONSEMI-NCV59150DS18R4G Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCV59150DS25R4G ONSEMI-NCV59150DS25R4G Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
More results

Similar Description - NCV59150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151DS33R4G ONSEMI-NCP59151DS33R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59300 ONSEMI-NCP59300_13 Datasheet
621Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 4
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com