Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV59150 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV59150
Description  1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV59150 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV59150 Datasheet HTML 5Page - ON Semiconductor NCV59150 Datasheet HTML 6Page - ON Semiconductor NCV59150 Datasheet HTML 7Page - ON Semiconductor NCV59150 Datasheet HTML 8Page - ON Semiconductor NCV59150 Datasheet HTML 9Page - ON Semiconductor NCV59150 Datasheet HTML 10Page - ON Semiconductor NCV59150 Datasheet HTML 11Page - ON Semiconductor NCV59150 Datasheet HTML 12Page - ON Semiconductor NCV59150 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCP59150, NCV59150 Series
http://onsemi.com
9
1.24 V / R2, and the current in R1 is the current in R2 plus
the ADJ pin bias current. The ADJ pin bias current flows
from VOUT through R1 into the ADJ pin.
The output voltage can be calculated using the formula
shown in Figure 23.
Figure 23. Adjustable Voltage Operation
VOUT + 1.24 V @ 1 )
R1
R2
) IADJ @ R1
+
+
VIN
EN
VOUT
ADJ
GND
NCP59152
R1
R2
VOUT
VIN
CIN
COUT
47 mF,
Ceramic
Thermal Considerations
The power handling capability of the device is limited by
the maximum rated junction temperature (125C). The PD
total power dissipated by the device has two components,
Input to output voltage differential multiplied by Output
current and Input voltage multiplied by GND pin current.
PD + VIN * VOUT @ IOUT ) VIN @ IGND (eq. 1)
The GND pin current value can be found in Electrical
Characteristics table and in Typical Characteristics graphs.
The Junction temperature TJ is
TJ + TA ) PD @ RqJA
(eq. 2)
where TA is ambient temperature and RqJA is the Junction to
Ambient Thermal Resistance of the NCP/NCV59150
device mounted on the specific PCB.
To maximize efficiency of the application and minimize
thermal power dissipation of the device it is convenient to
use the Input to output voltage differential as low as possible.
The static typical dropout characteristics for various
output voltage and output current can be found in the Typical
Characteristics graphs.
ORDERING INFORMATION
Device
Output
Current
Output
Voltage
Junction Temp. Range
Package
Shipping
NCP59150DS18R4G
1.5 A
1.8 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCP59150DS25R4G
1.5 A
2.5 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCP59150DS28R4G
1.5 A
2.8 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCP59150DS30R4G
1.5 A
3.0 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCP59150DS33R4G
1.5 A
3.3 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCP59150DS50R4G
1.5 A
5.0 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCV59150DS18R4G*
1.5 A
1.8 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCV59150DS25R4G*
1.5 A
2.5 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCV59150DS28R4G*
1.5 A
2.8 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCV59150DS30R4G*
1.5 A
3.0 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCV59150DS33R4G*
1.5 A
3.3 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCV59150DS50R4G*
1.5 A
5.0 V
−40C to +125C
D2PAK−3
(Pb−Free)
Contact Sales Office
NCP59151DS18R4G
1.5 A
1.8 V
−40C to +125C
D2PAK−5
(Pb−Free)
800 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and
PPAP Capable


Similar Part No. - NCV59150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV59150 ONSEMI-NCV59150 Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCV59150 ONSEMI-NCV59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCV59150DS18R4G ONSEMI-NCV59150DS18R4G Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCV59150DS18R4G ONSEMI-NCV59150DS18R4G Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCV59150DS25R4G ONSEMI-NCV59150DS25R4G Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
More results

Similar Description - NCV59150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151DS33R4G ONSEMI-NCP59151DS33R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59300 ONSEMI-NCP59300_13 Datasheet
621Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 4
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com