Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4620HSN33T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4620HSN33T1G
Description  150 mA, 10 V, Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4620HSN33T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4620HSN33T1G Datasheet HTML 1Page - ON Semiconductor NCP4620HSN33T1G Datasheet HTML 2Page - ON Semiconductor NCP4620HSN33T1G Datasheet HTML 3Page - ON Semiconductor NCP4620HSN33T1G Datasheet HTML 4Page - ON Semiconductor NCP4620HSN33T1G Datasheet HTML 5Page - ON Semiconductor NCP4620HSN33T1G Datasheet HTML 6Page - ON Semiconductor NCP4620HSN33T1G Datasheet HTML 7Page - ON Semiconductor NCP4620HSN33T1G Datasheet HTML 8Page - ON Semiconductor NCP4620HSN33T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCP4620
http://onsemi.com
3
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, SOT23
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, SC−70
Thermal Resistance, Junction−to−Air
RqJA
263
°C/W
ELECTRICAL CHARACTERISTICS −40°C ≤ TA ≤ 85°C; VIN = VOUT(NOM) + 1 V; IOUT = 1 mA, CIN = COUT = 0.47 mF, unless
otherwise noted. Typical values are at TA = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
2.6
10
V
Output Voltage
TA = +25°C
VOUT > 1.5 V
VOUT ≤ 1.5 V
VOUT
x0.99
−15
x1.01
15
V
mV
−40°C ≤ TA ≤ 85°C
VOUT > 1.5 V
VOUT ≤ 1.5 V
x0.974
−40
x1.023
35
V
mV
Output Voltage Temp. Coeffi-
cient
−40°C ≤ TA ≤ 85°C
±80
ppm/°C
Line Regulation
VOUT(NOM) + 0.5 V or 2.6 V (whichever is higher)
≤ VIN ≤ 10 V
LineReg
0.02
0.2
%/V
Load Regulation
IOUT = 0.1 mA to 150 mA
LoadReg
5
40
mV
Dropout Voltage
IOUT = 150 mA
1.2 V ≤ VOUT < 1.3 V
1.3 V ≤ VOUT < 1.5 V
1.5 V ≤ VOUT < 1.8 V
1.8 V ≤ VOUT < 2.3 V
2.3 V ≤ VOUT < 3.0 V
3.0 V ≤ VOUT < 4.0 V
4.0 V ≤ VOUT < 6.0 V
VDO
0.40
0.30
0.25
1.40
1.30
1.10
0.80
0.58
0.48
0.40
V
Output Current
IOUT
150
mA
Short Current Limit
VOUT = 0 V
ISC
40
mA
Quiescent Current
IQ
23
40
mA
Standby Current
VIN = 10 V, VCE = 0 V, TA = 25°C
ISTB
0.1
1.0
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
1.7
V
CE Input Voltage “L”
VCEL
0.8
CE Pull Down Current
ICEPD
0.3
mA
Power Supply Rejection Ratio
VIN = VOUT + 1 V or 3.0 V whichever is higher,
DVIN = 0.2 Vpk−pk, IOUT = 30 mA, f = 1 kHz
PSRR
70
dB
Output Noise Voltage
f = 10 Hz to 100 kHz, IOUT = 30 mA, VOUT =
1.5 V, VIN = 2.6 V
VN
90
mVrms
Low Output N−ch Tr. On Resist-
ance
VIN = 7 V, VCE = 0 V
RLOW
250
W
Thermal Shutdown Temperature
TTSD
165
°C
Thermal Shutdown Release
TTSR
110
°C


Similar Part No. - NCP4620HSN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620HSN33T1G ONSEMI-NCP4620HSN33T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
More results

Similar Description - NCP4620HSN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620HSN33T1G ONSEMI-NCP4620HSN33T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620 ONSEMI-NCP4620 Datasheet
332Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
December, 2010 ??Rev. P0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP4625HSN18T1G ONSEMI-NCP4625HSN18T1G Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4625 ONSEMI-NCP4625 Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com