Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPD3015-103MLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPD3015-103MLC
Description  Coupled Inductors ??LPD3015
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPD3015-103MLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPD3015-103MLC Datasheet HTML 1Page - Coilcraft lnc. LPD3015-103MLC Datasheet HTML 2Page - Coilcraft lnc. LPD3015-103MLC Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Document 661-1 Revised 03/31/11
Document 661-1 Revised 09/13/11
Document 661-1
Core material Ferrite
Weight 45 – 52 mg
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Winding to winding isolation 100 Vrms
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.26 mm thick, 8 mm pocket spacing, 1.65 mm pocket depth
Recommended pick and place nozzle OD: 3 mm; ID:
≤ 1.5 mm
PCB washing Only pure water or alcohol recommended
Dimensions are in
inches
mm
CoupledInductors– LPD3015 ForSEPICandother
Applications
At only 1.4 mm high and 3 mm square, the LPD3015
is Coilcraft’s smallest shielded coupled inductor. It is
ideal for use in a variety of circuits including flyback,
multi-output buck and SEPIC.
These inductors provide high inductance, high efficiency
and excellent current handling in a rugged, low cost part.
They can also be used as two single inductors connected
in series or parallel or as a common mode choke.
0.118 ±0.003
3,00 ±0,076
0.118 ±0.003
3,00 ±0,076
0.055 ±0.004
1,4 ±0,1
Dash
number
Internal
code
XXXX
Dot indicates pin 1
14
2
3
0.039
0,99
0.130
3,30
0.094
2,30
0.094
2,30
0.040
1,02
0.040
1,02
0.130
3,30
0.022
0,54
45°
typ
1
4
2
3
*
Height dimension is without optional
solder applied. Maximum height with
solder applied is 0.061 inches/ 1,56 mm.
*
2
1
4
3
L1
L2
L1
L2
+
+
D
C
C
Typical Flyback Converter
VOUT
VIN
SW
L1
L2
++
+
––
D
D
C
C
SW
Typical Buck Converter with auxiliary output
Typical SEPIC schematic
VOUT
VOUT
VOUT
AUX
VIN
VIN
L1
L2
Q
C1
C
++
––
D


Similar Part No. - LPD3015-103MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPD3015-103ML COILCRAFT-LPD3015-103ML Datasheet
249Kb / 3P
   Coupled Inductors for SEPIC
LPD3015-103ML COILCRAFT-LPD3015-103ML Datasheet
138Kb / 3P
   Coupled Inductors ??LPD3015
LPD3015-103ML COILCRAFT-LPD3015-103ML Datasheet
149Kb / 3P
   Coupled Inductors LPD3015
More results

Similar Description - LPD3015-103MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPD3015-223MLB COILCRAFT-LPD3015-223MLB Datasheet
138Kb / 3P
   Coupled Inductors ??LPD3015
LPD3015-333MLC COILCRAFT-LPD3015-333MLC Datasheet
149Kb / 3P
   Coupled Inductors LPD3015
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com