Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV512A-12JI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27LV512A-12JI
Description  512K 64K x 8 Low Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV512A-12JI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27LV512A-12JI Datasheet HTML 1Page - ATMEL Corporation AT27LV512A-12JI Datasheet HTML 2Page - ATMEL Corporation AT27LV512A-12JI Datasheet HTML 3Page - ATMEL Corporation AT27LV512A-12JI Datasheet HTML 4Page - ATMEL Corporation AT27LV512A-12JI Datasheet HTML 5Page - ATMEL Corporation AT27LV512A-12JI Datasheet HTML 6Page - ATMEL Corporation AT27LV512A-12JI Datasheet HTML 7Page - ATMEL Corporation AT27LV512A-12JI Datasheet HTML 8Page - ATMEL Corporation AT27LV512A-12JI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AC Characteristics for Read Operation (VCC = 3.0V to 3.6V and 4.5V to 5.5V)
-90
-12
-15
Symbol
Parameter
Condition
Min
Max
Min
Max
Min
Max
Units
tACC (3)
Address to Output Delay
CE = OE/VPP = VIL
90
120
150
ns
tCE (2)
CE to Output Delay
OE/VPP = VIL
90
120
150
ns
tOE (2, 3)
OE/VPP to Output Delay
CE = VIL
50
50
60
ns
tDF (4, 5)
OE/VPP or CE High to Output Float,
whichever occurred first
40
40
50
ns
tOH
Output Hold from Address, CE or
OE/VPP, whichever occurred first
0
0
0ns
Notes:
2, 3, 4, 5. - see AC Waveforms for Read Operation.
AC Waveforms for Read Operation
(1)
Notes: 1. Timing measurement references are 0.8V and 2.0V.
Input AC drive levels are 0.45V and 2.4V, unless
otherwise specified.
2. OE/VPP may be delayed up to tCE - tOE after the falling
edge of CE without impact on tCE.
3. OE/VPP may be delayed up to tACC - tOE after the address
is valid without impact on tACC.
4. This parameter is only sampled and is not 100% tested.
5. Output float is defined as the point when data is no
longer driven.
AT27LV512A
3-89


Similar Part No. - AT27LV512A-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV512A-55JU ATMEL-AT27LV512A-55JU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-55RU ATMEL-AT27LV512A-55RU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-55TU ATMEL-AT27LV512A-55TU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-90JI ATMEL-AT27LV512A-90JI Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-90JU ATMEL-AT27LV512A-90JU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV512A-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27LV520 ATMEL-AT27LV520 Datasheet
129Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com