Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C516-10VC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C516-10VC
Description  512K 32K x 16 OTP CMOS EPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C516-10VC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C516-10VC Datasheet HTML 1Page - ATMEL Corporation AT27C516-10VC Datasheet HTML 2Page - ATMEL Corporation AT27C516-10VC Datasheet HTML 3Page - ATMEL Corporation AT27C516-10VC Datasheet HTML 4Page - ATMEL Corporation AT27C516-10VC Datasheet HTML 5Page - ATMEL Corporation AT27C516-10VC Datasheet HTML 6Page - ATMEL Corporation AT27C516-10VC Datasheet HTML 7Page - ATMEL Corporation AT27C516-10VC Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Characteristics for Read Operation
AT27C516
-45
-55
-70
-85
-10
Symbol
Parameter
Condition
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Units
tACC (3)
Address to Output Delay
CE = OE = VIL
45
55
70
85
100
ns
tCE (2)
CE to Output Delay
OE = VIL
45
55
70
85
100
ns
tOE (2, 3)
OE to Output Delay
CE = VIL
20
25
25
30
30
ns
tDF (4, 5)
OE or CE High to Output Float,
whichever occurred first
20
25
25
30
30
ns
tOH
Output Hold from Address,
CE or OE, whichever
occurred first
7
7
7
0
0
ns
Notes:
2, 3, 4, 5. - see AC Waveforms for Read Operation.
DC and AC Operating Conditions for Read Operation
AT27C516
-45
-55
-70
-85
-10
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
± 1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
± 5
µA
IPP1
(2)
VPP
(1)
Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1)
Standby Current
ISB1 (CMOS), CE = VCC
± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL
30
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400
µA
2.4
V
Notes: 1. VCC must be applied simultaneously or before VPP,
and removed simultaneously or after VPP.
2. VPP may be connected directly to VCC, except during pro-
gramming. The supply current would then be the sum of ICC
and IPP.
3-148
AT27C516


Similar Part No. - AT27C516-10VC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516-45JI ATMEL-AT27C516-45JI Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C516-45JU ATMEL-AT27C516-45JU Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C516-45VI ATMEL-AT27C516-45VI Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C516-70JI ATMEL-AT27C516-70JI Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C516-70JU ATMEL-AT27C516-70JU Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
More results

Similar Description - AT27C516-10VC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516_08 Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C1512T MAXWELL-27C1512T Datasheet
148Kb / 13P
   512Kb (32K x 16-bit) OTP EPROM MCM
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com