Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3418D Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3418D
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3418D Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3418D Datasheet HTML 1Page - ON Semiconductor NCP3418D Datasheet HTML 2Page - ON Semiconductor NCP3418D Datasheet HTML 3Page - ON Semiconductor NCP3418D Datasheet HTML 4Page - ON Semiconductor NCP3418D Datasheet HTML 5Page - ON Semiconductor NCP3418D Datasheet HTML 6Page - ON Semiconductor NCP3418D Datasheet HTML 7Page - ON Semiconductor NCP3418D Datasheet HTML 8Page - ON Semiconductor NCP3418D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCP3418, NCP3418A
http://onsemi.com
4
NCP3418--SPECIFICATIONS (Note 5) (VCC =12V,TA =0°Cto+85°C, TJ =0°C to +125°C unless otherwise noted.).
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
SUPPLY
Supply Voltage Range
--
VCC
4.6
--
13.2
V
Supply Current
BST =12V,IN=0V
ISYS
--
2.0
6.0
mA
OD INPUT
Input Voltage High
--
--
2.0
--
--
V
Input Voltage Low
--
--
--
--
0.8
V
Input Current
--
--
--1.0
--
+1.0
mA
Propagation Delay Time (Note 6)
SeeFigure2
tpdlOD
tpdhOD
--
--
40
40
60
60
ns
ns
PWM INPUT
Input Voltage High
--
--
2.0
--
--
V
Input Voltage Low
--
--
--
--
0.8
V
Input Current
--
--
--1.0
--
+1.0
mA
HIGH--SIDE DRIVER
Output Resistance,
Sourcing Current
VBST -- VSW =12V(Note8)
--
--
1.8
3.0
Ω
Output Resistance,
Sinking Current
VBST -- VSW =12V(Note8)
--
--
1.0
2.5
Ω
Transition Times (Note 6)
VBST -- VSW =12V,CLOAD =3.0 nF,
SeeFigure3
trDRVH
tfDRVH
--
--
18
10
25
15
ns
ns
Propagation Delay
(Notes 6 & 7)
VBST -- VSW =12V
tpdhDRVH
tpdlDRVH
--
--
30
25
60
45
ns
ns
LOW--SIDE DRIVER
Output Resistance,
Sourcing Current
--
VCC =12V
(Note 8)
--
1.8
3.0
Ω
Output Resistance,
Sinking Current
--
VCC -- VSW =12 V
(Note 8)
--
1.0
2.5
Ω
Transition Times
trDRVL
tfDRVL
CLOAD =3.0 nF,
SeeFigure3
--
--
16
11
25
15
ns
ns
Propagation Delay
tpdhDRVL
tpdlDRVL
SeeFigure3
--
--
30
20
60
30
ns
ns
UNDERVOLTAGE LOCKOUT
UVLO
--
--
3.9
4.3
4.6
V
Hysteresis
(Note 8)
--
0.5
V
THERMAL SHUTDOWN
Over Temperature Protection
(Note 8)
--
150
170
°C
Hysteresis
(Note 8)
20
°C
5. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
6. AC specifications are guaranteed by characterization, but not production tested.
7. For propagation delays, “tpdh’’ refers to the specified signal going high; “tpdl’’ refers to it going low.
8. GBD: Guaranteed by design; not tested in production. Specifications subject to change without notice.


Similar Part No. - NCP3418D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418D ONSEMI-NCP3418D Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418D ONSEMI-NCP3418D Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
NCP3418DR2 ONSEMI-NCP3418DR2 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418DR2 ONSEMI-NCP3418DR2 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
More results

Similar Description - NCP3418D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com