Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C4096-12JC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT27C4096-12JC
Description  4-Megabit 256K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C4096-12JC Datasheet(HTML) 8 Page - ATMEL Corporation

  AT27C4096-12JC Datasheet HTML 1Page - ATMEL Corporation AT27C4096-12JC Datasheet HTML 2Page - ATMEL Corporation AT27C4096-12JC Datasheet HTML 3Page - ATMEL Corporation AT27C4096-12JC Datasheet HTML 4Page - ATMEL Corporation AT27C4096-12JC Datasheet HTML 5Page - ATMEL Corporation AT27C4096-12JC Datasheet HTML 6Page - ATMEL Corporation AT27C4096-12JC Datasheet HTML 7Page - ATMEL Corporation AT27C4096-12JC Datasheet HTML 8Page - ATMEL Corporation AT27C4096-12JC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AT27C4096
8
Rapid Programming Algorithm
A 50
µs CE pulse width is used to program. The address is
set to the first location. VCC is raised to 6.5V and VPP is
raised to 13.0V. Each address is first programmed with one
50
µs CE pulse without verification. Then a verifica-
tion/reprogramming loop is executed for each address. In
the event a word fails to pass verification, up to 10 succes-
sive 50
µs pulses are applied with a verification after each
pulse. If the word fails to verify after 10 pulses have been
applied, the part is considered failed. After the word verifies
properly, the next address is selected until all have been
checked. VPP is then lowered to 5.0V and VCC to 5.0V. All
words are read again and compared with the original data
to determine if the device passes or fails.


Similar Part No. - AT27C4096-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096-55JI ATMEL-AT27C4096-55JI Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C4096-55JU ATMEL-AT27C4096-55JU Datasheet
889Kb / 13P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C4096-55PI ATMEL-AT27C4096-55PI Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C4096-55VI ATMEL-AT27C4096-55VI Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C4096-90JI ATMEL-AT27C4096-90JI Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
More results

Similar Description - AT27C4096-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com