Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTE45-151B-103 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTE45-151B-103
Description  PTE Series Low Profi le Slide Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTE45-151B-103 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTE45-151B-103 Datasheet HTML 1Page - Bourns Electronic Solutions PTE45-151B-103 Datasheet HTML 2Page - Bourns Electronic Solutions PTE45-151B-103 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
72.5 ± 0.1
(2.854 ± 0.004)
45.0 ± 0.5
(1.772 ± 0.020)
TRAVEL
57.0
(2.244)
65.0 ± 0.3
(2.559 ± 0.012)
72.0 ± 0.5
(2.835 ± 0.020)
1.5 +0.2/-0
(0.059 +0.008/-0)
DIA. 6 PLCS.
M3 2 PLCS.
2.1
(0.083)
1.0
(0.039)
0.5
(0.020)
2
1
1’
3
3’
2’
MOUNTING
SURFACE
5.0
(0.197)
4.0 +0.2/-0
(0.157 +0.008/-0)
3.0 ± 0.2
(0.118 ± 0.008)
3.0
(0.118)
8.0
(0.315)
1.2 ± 0.05
(0.047 ± 0.002)
1.0
(0.039)
10.0
(0.394)
0.5
(0.020)
L ± 0.5
(L ± 0.020)
3.8
(0.150)
4.1
(0.161)
10.0 ± 0.5
(0.394 ± 0.020)
11.25 ± 0.1
(0.443 ± 0.004)
3.75 ± 0.1
(0.148 ± 0.004)
8.5 ± 0.2
(0.335 ± 0.008)
2.8
(0.110)
16.0 ± 0.5
(0.630 ± 0.020)
18.0
(.709)
18.0
(.709)
4.9
(.193)
3.8
(0.150)
Features
Carbon element
Assortment of resistance tapers
45 mm and 60 mm travel lengths
Single and dual gang elements
Long operational life
Tracking error within ±2 dB
Various lever styles
PTE Series Low Profile Slide Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
....................... 1K ohms to 1 megohm
Standard Resistance Tolerance... ±20 %
End Resistance ................. 2 ohms max.
Insulation Resistance @ 100 VDC
............................. 100 megohms min.
Dielectric Withstanding Voltage
.............................................. 250 VAC
Tracking Error ............................... ±2 dB
Standard Taper .................. Linear, Audio
Power Rating
Linear ..................................... 0.2 watt
Audio...................................... 0.1 watt
Slider Noise .......................100 mV max.
Environmental Characteristics
Operational Life ..............100,000 cycles
TR Shift .................................... ±15 %
Operating Temperature Range
................................. -10 °C to +55 °C
Resistance to Solder Heat............. ±5 %
Mechanical Characteristics
Mechanical Angle ...................300 ° ±5 °
Mechanical Travel........ Length ±0.5 mm
Operating Force .............................50 gf
Stop Strength ......................... 5 kgf min.
Shaft Axial Force .................... 5 kgf min.
Shaft Wobble .. 2(2 x L/25) mm p-p max.
Soldering Condition
Manual ...........300 °C ±5 °C for 3 sec.
Wave ..............260 °C ±5 °C for 5 sec.
Wash .....................Not recommended
Product Dimensions
45 mm Length of Travel
Lever End Style “B”
DIMENSIONS:
MM
(INCHES)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Schematics
Lever
Length
15.0
(.591)
20.0
(.787)
Mounting Hole Detail
Single Gang
Dual Gang
3
2
1
R1
3
2
1
R1
3'
2'
1'
R2


Similar Part No. - PTE45-151B-103

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PTE41320 CELDUC-PTE41320 Datasheet
491Kb / 3P
   MAGNETIC PROXIMITY SENSOR
PTE41321 CELDUC-PTE41321 Datasheet
491Kb / 3P
   MAGNETIC PROXIMITY SENSOR
More results

Similar Description - PTE45-151B-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L Datasheet
212Kb / 2P
   PEC11L Series - 11 mm Low Profi le Encoder
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
   Low profi le provides compatibility with DIPs
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
   Low Profi le, Panel Flush Light Pipe
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com