Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1605BDR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1605BDR2G
Description  Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1605BDR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1605BDR2G Datasheet HTML 1Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 2Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 3Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 4Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 5Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 6Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
NCP1605, NCP1605A, NCP1605B
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
(Conditions: VCC = 16 V, VHV = 50 V, VPin2 = 2 V, VPin13 = 0 V, TJ from 0°C to +125°C, unless otherwise specified) (Note 2)
Symbol
Rating
Min
Typ
Max
Unit
Gate Drive Section
Trise
Output Voltage Rise Time @ CL = 1 nF, from 1 V to 10 V
40
ns
Tfall
Output Voltage Fall Time @ CL = 1 nF, from 10 V to 1 V
20
ns
ROH
Source Resistance @ IPin10 = 100 mA
15
25
W
Isource
Source Current capability (@ VPin10 = 0 V)
500
mA
ROL
Sink Resistance @ IPin10 = 100 mA
7
15
W
Isink
Sink Current Capability (@ VPin10 = 10 V)
800
mA
Regulation Block
VREF
Voltage Reference
NCP1605/A
NCP1605B
2.425
2.430
2.500
2.500
2.575
2.550
V
IEA
Error Amplifier Current Capability
±20
mA
GEA
Error Amplifier Gain
100
200
300
mS
IBPin4
Pin 4 Bias Current @ VPin4 = VREF
−500
500
nA
VCONTROL
− VCONTROLMAX
− VCONTROLMIN
− D VCONTROLl
Pin 2 Voltage:
− @ VPin4 = 2 V
− @ VPin4 = 3 V
2.7
3.6
0.6
3.0
3.3
V
VOUTL / VREF
Ratio (VOUT Low Detect Threshold / VREF) (Note 6)
95.0
95.5
96.0
%
HOUTL / VREF
Ratio (VOUT Low Detect Hysteresis / VREF) (Note 6)
0.5
%
IBOOST
Pin 2 Source Current when (VOUT Low Detect) is activated
190
240
290
mA
Shutdown Block
ILEAKAGE
Current Sourced by Pin 13 @ VPin14 = 2.3 V
−500
500
nA
VSTDWN
Pin 13 Threshold for Shutdown
2.375
2.500
2.625
V
Over and Under Voltage Protections
VOVP
Overvoltage Protection Threshold
2.425
2.500
2.575
V
VOVP / VREF
Ratio (VOVP / VREF) (Note 5)
99.5
100.0
100.5
%
VUVP / VREF
Ratio UVP threshold over VREF
8
12
16
%
IBPin14
Pin 13 Bias Current:
@ VPin14 = VOVP
@ VPin14 = VUVP
−500
−500
500
500
nA
Ramp Control
IRAMP − 1.00 V
IRAMP − 1.75 V
IRAMP − 2.50 V
Pin 7 Source Current:
@ VPin4 = 1.00 V
@ VPin4 = 1.75 V
@ VPin4 = 2.50 V
54
156
313
60
182
370
69
214
428
mA
Vcl_ff
Pin 7 Clamp Voltage @ VPin4 = VPin2 = 2 V and VPin6 = 0 V
5
V
VCLCRM
Pin 7 Clamp Voltage @ VPin4 = 0 V, VPin2 = 2 V and VPin6 = 1 V
0.9
1
1.1
V
RCT
Ratio (Pin 7 Clamp Voltage / (Pin 7 Charge Current)
(VCLCRM / IRAMP) @ VPin6 = 0 V and
− VPin4 = 1.00 V
− VPin4 = 1.75 V
− VPin4 = 2.50 V
16.7
5.4
2.7
kW
TONMIN
Delay (VPin7 > 5 V) to (DRV low)
90
200
ns
5. Not tested; guaranteed by characterization
6. Not tested; guaranteed by design


Similar Part No. - NCP1605BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
574Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
October, 2014 ??Rev. 12
More results

Similar Description - NCP1605BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_14 Datasheet
574Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
October, 2014 ??Rev. 12
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
   Power Factor and PWM Controller(Voltage Mode)
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com