Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1216D65R2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1216D65R2G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216D65R2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1216D65R2G Datasheet HTML 6Page - ON Semiconductor NCP1216D65R2G Datasheet HTML 7Page - ON Semiconductor NCP1216D65R2G Datasheet HTML 8Page - ON Semiconductor NCP1216D65R2G Datasheet HTML 9Page - ON Semiconductor NCP1216D65R2G Datasheet HTML 10Page - ON Semiconductor NCP1216D65R2G Datasheet HTML 11Page - ON Semiconductor NCP1216D65R2G Datasheet HTML 12Page - ON Semiconductor NCP1216D65R2G Datasheet HTML 13Page - ON Semiconductor NCP1216D65R2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCP1216, NCP1216A
http://onsemi.com
10
Dynamic Self−Supply
The DSS principle is based on the charge/discharge of the
VCC bulk capacitor from a low level up to a higher level. We
can easily describe the current source operation with a bunch
of simple logical equations:
POWER−ON: If VCC < VCCOFF then the Current Source
is ON, no output pulses
If VCC decreasing > VCCON then the Current Source is
OFF, output is pulsing
If VCC increasing < VCCOFF then the Current Source is
ON, output is pulsing
Typical values are: VCCOFF = 12.2 V, VCCON = 10 V
To better understand the operational principle, Figure 18
offers the necessary light:
10
30
50
70
90
Figure 18. The Charge/Discharge Cycle Over a
10 mF VCC Capacitor
VCCOFF = 12.2 V
VCCON = 10 V
Vripple = 2.2 V
ON, I = 8 mA
OFF, I = 0 mA
Output Pulse
The DSS behavior actually depends on the internal IC
consumption and the MOSFET’s gate charge Qg. If we
select a 600 V 10 A MOSFET featuring a 30 nC Qg, then we
can compute the resulting average consumption supported
by the DSS which is:
Itotal [ Fsw
Qg ) ICC1.
(eq. 1)
The total IC heat dissipation incurred by the DSS only is
given by:
Itotal
Vpin8.
(eq. 2)
Suppose that we select the NCP1216P065 with the above
MOSFET, the total current is
(30 n
65 k) ) 900 m + 2.9 mA.
(eq. 3)
Supplied from a 350 VDC rail (250 VAC), the heat
dissipated by the circuit would then be:
350 V
2.9 mA + 1W
(eq. 4)
As you can see, it exists a tradeoff where the dissipation
capability of the NCP1216 fixes the maximum Qg that the
circuit can drive, keeping its dissipation below a given
target. Please see the “Power Dissipation” section for a
complete design example and discover how a resistor can
help to heal the NCP1216 heat equation.
Application note AND8069/D details tricks to widen the
NCP1216 driving implementation, in particular for large Qg
MOSFETs. This document can be downloaded at
www.onsemi.com/pub/Collateral/AND8069−D.PDF.
Ramp Compensation
Ramp compensation is a known mean to cure
sub−harmonic oscillations. These oscillations take place at
half the switching frequency and occur only during
Continuous Conduction Mode (CCM) with a duty−cycle
greater than 50%. To lower the current loop gain, one usually
injects between 50% and 100% of the inductor down−slope.
Figure 19 depicts how internally the ramp is generated:
CS
L.E.B
19 k
2.9V
0V
Figure 19. Inserting a Resistor in Series with the
Current Sense Information brings Ramp
Compensation
From Set−point
Rsense
Rcomp
DCmax = 75°C
In the NCP1216, the ramp features a swing of 2.9 V with
a Duty cycle max at 75%. Over a 65 kHz frequency, it
corresponds to a
2.9
0.75
65 kHz + 251 mV ms ramp.
(eq. 5)
In our FLYBACK design, let’s suppose that our primary
inductance Lp is 350 mH, delivering 12 V with a Np : Ns
ratio of 1:0.1. The OFF time primary current slope is thus
given by:
Vout ) Vf
Lp
Np
Ns
+ 371 mA msor37 mV ms
(eq. 6)
when projected over an Rsense of 0.1 W, for instance. If we
select 75% of the down−slope as the required amount of
ramp compensation, then we shall inject 27 mV/
ms. Our
internal compensation being of 251 mV/
ms, the divider ratio
(divratio) between Rcomp and the 19 kW is 0.107. A few lines
of algebra to determine Rcomp:
19 k
divratio
1 * divratio +
2.37 kW
(eq. 7)
Frequency Jittering
Frequency jittering is a method used to soften the EMI
signature by spreading the energy in the vicinity of the main
switching component. NCP1216 offers a
$4% deviation of


Similar Part No. - NCP1216D65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216D65R2G ONSEMI-NCP1216D65R2G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216D65R2G ONSEMI-NCP1216D65R2G Datasheet
397Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 16
More results

Similar Description - NCP1216D65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com