Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV020A-12TI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27LV020A-12TI
Description  2 Megabit 256K x 8 Low Voltage OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV020A-12TI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27LV020A-12TI Datasheet HTML 1Page - ATMEL Corporation AT27LV020A-12TI Datasheet HTML 2Page - ATMEL Corporation AT27LV020A-12TI Datasheet HTML 3Page - ATMEL Corporation AT27LV020A-12TI Datasheet HTML 4Page - ATMEL Corporation AT27LV020A-12TI Datasheet HTML 5Page - ATMEL Corporation AT27LV020A-12TI Datasheet HTML 6Page - ATMEL Corporation AT27LV020A-12TI Datasheet HTML 7Page - ATMEL Corporation AT27LV020A-12TI Datasheet HTML 8Page - ATMEL Corporation AT27LV020A-12TI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Features
Fast Read Access Time - 90 ns
Dual Voltage Range Operation
Low Voltage Power Supply Range, 3.0V to 3.6V
or Standard 5V
± 10% Supply Range
Compatible with JEDEC Standard AT27C020
Low Power CMOS Operation
20
µA max. (less than 1 µA typical) Standby for V
CC = 3.6V
29 mW max. Active at 5 MHz for VCC = 3.6V
JEDEC Standard Packages
32-Lead PLCC
32-Lead TSOP (8 X 20 mm)
32-Lead VSOP (8 x 14 mm)
High Reliability CMOS Technology
2,000V ESD Protection
200 mA Latchup Immunity
RapidProgramming Algorithm - 100
µs/byte (typical)
Two-Line Control
CMOS and TTL Compatible Inputs and Outputs
JEDEC Standard for LVTTL
Integrated Product Identification Code
Commercial and Industrial Temperature Ranges
Description
The AT27LV020A is a high performance, low power, low voltage 2,097,152 bit one-
time programmable read only memory (OTP EPROM) organized as 256K by 8 bits. It
requires only one supply in the range of 3.0 to 3.6V in normal read mode operation,
making it ideal for fast, portable systems using battery power.
Pin Configurations
Pin Name
Function
A0 - A17
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE
Output Enable
PGM
Program Strobe
0549B-A–9/97
2 Megabit
(256K x 8)
Low Voltage
OTP EPROM
AT27LV020A
PLCC, Top View
TSOP, VSOP Top View
Type 1


Similar Part No. - AT27LV020A-12TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A-12TI ATMEL-AT27LV020A-12TI Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV020A-12TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com