Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C64W-10SC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT24C64W-10SC
Description  2-Wire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C64W-10SC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT24C64W-10SC Datasheet HTML 4Page - ATMEL Corporation AT24C64W-10SC Datasheet HTML 5Page - ATMEL Corporation AT24C64W-10SC Datasheet HTML 6Page - ATMEL Corporation AT24C64W-10SC Datasheet HTML 7Page - ATMEL Corporation AT24C64W-10SC Datasheet HTML 8Page - ATMEL Corporation AT24C64W-10SC Datasheet HTML 9Page - ATMEL Corporation AT24C64W-10SC Datasheet HTML 10Page - ATMEL Corporation AT24C64W-10SC Datasheet HTML 11Page - ATMEL Corporation AT24C64W-10SC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AT24C32/64
8
acknowledge, it will continue to increment the data word
address and serially clock out sequential data words. When
the memory address limit is reached, the data word
address will “roll over” and the sequential read will con-
tinue. The sequential read operation is terminated when
the microcontroller does not respond with a zero but does
generate a following stop condition (refer to Figure 6).
Figure 1. Device Address
Figure 2. Byte Write
Figure 3. Page Write
Notes:
1.
* = DON’T CARE bits
2.
† = DON’T CARE bits for the 32K
Figure 4. Current Address Read
Figure 5. Random Read
Note:
1.
* = DON’T CARE bits


Similar Part No. - AT24C64W-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C64W-10SI-1.8 ATMEL-AT24C64W-10SI-1.8 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C64W-10SI-2.7 ATMEL-AT24C64W-10SI-2.7 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
More results

Similar Description - AT24C64W-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com