Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256-10CI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C256-10CI
Description  2-Wire Serial EEPROMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256-10CI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C256-10CI Datasheet HTML 1Page - ATMEL Corporation AT24C256-10CI Datasheet HTML 2Page - ATMEL Corporation AT24C256-10CI Datasheet HTML 3Page - ATMEL Corporation AT24C256-10CI Datasheet HTML 4Page - ATMEL Corporation AT24C256-10CI Datasheet HTML 5Page - ATMEL Corporation AT24C256-10CI Datasheet HTML 6Page - ATMEL Corporation AT24C256-10CI Datasheet HTML 7Page - ATMEL Corporation AT24C256-10CI Datasheet HTML 8Page - ATMEL Corporation AT24C256-10CI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AT24C128/256
4
AC Characteristics
Applicable over recommended operating range from T
A = -40°C to +85°C, VCC = +1.8V to +5.5V, CL = 100 pF (unless oth-
erwise noted). Test conditions are listed in Note 2.
Notes:
1. This parameter is characterized and is not 100% tested.
2. AC measurement conditions:
R
L (connects to VCC): 1.3KΩ (2.7V, 5V), 10KΩ (1.8V)
Input pulse voltages: 0.3V
CC to 0.7VCC
Input rise and fall times:
≤50ns
Input and output timing reference voltages: 0.5V
CC
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is nor-
mally pulled high with an external device. Data on the SDA
pin may change only during SCL low time periods (refer to
Data Validity timing diagram). Data changes during SCL
high periods will indicate a start or stop condition as defined
below.
START CONDITION: A high-to-low transition of SDA with
SCL high is a start condition which must precede any other
command (refer to Start and Stop Definition timing dia-
gram).
STOP CONDITION: A low-to-high transition of SDA with
SCL high is a stop condition. After a read sequence, the
stop command will place the EEPROM in a standby power
mode (refer to Start and Stop Definition timing diagram).
ACKNOWLEDGE: All addresses and data words are seri-
ally transmitted to and from the EEPROM in 8-bit words.
The EEPROM sends a zero during the ninth clock cycle to
acknowledge that it has received each word.
STANDBY MODE: The AT24C128/256 features a low
power standby mode which is enabled: a) upon power-up
and b) after the receipt of the STOP bit and the completion
of any internal operations.
MEMORY RESET: After an interruption in protocol, power
loss or system reset, any 2-wire part can be reset by follow-
ing these steps: (a) Clock up to 9 cycles, (b) look for SDA
high in each cycle while SCL is high and then (c) create a
start condition as SDA is high.
Symbol
Parameter
1.8-volt
2.7-volt
5.0-volt
Units
MinMax
MinMax
MinMax
f
SCL
Clock Frequency, SCL
100
400
1000
kHz
t
LOW
Clock Pulse Width Low
4.7
1.3
0.6
µs
t
HIGH
Clock Pulse Width High
4.0
1.0
0.4
µs
t
AA
Clock Low to Data Out Valid
0.1
4.5
0.05
0.9
0.05
0.55
µs
t
BUF
Time the bus must be free before a new
transmission can start(1)
4.7
1.3
0.5
µs
t
HD.STA
Start Hold Time
4.0
0.6
0.25
µs
t
SU.STA
Start Set-up Time
4.7
0.6
0.25
µs
t
HD.DAT
Data In Hold Time
0
0
0
µs
t
SU.DAT
Data In Set-up Time
200
100
100
ns
t
R
Inputs Rise Time(1)
1.0
0.3
0.3
µs
t
F
Inputs Fall Time(1)
300
300
100
ns
t
SU.STO
Stop Set-up Time
4.7
0.6
0.25
µs
t
DH
Data Out Hold Time
100
50
50
ns
t
WR
Write Cycle Time
20
10
10
ms
Endurance(1)
5.0V, 25°C, Page Mode
100K
100K
100K
Write
Cycles


Similar Part No. - AT24C256-10CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256-10PU-1.8 ATMEL-AT24C256-10PU-1.8 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C256-10PU-2.7 ATMEL-AT24C256-10PU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C256-10TU-1.8 ATMEL-AT24C256-10TU-1.8 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C256-10TU-2.7 ATMEL-AT24C256-10TU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results

Similar Description - AT24C256-10CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com