Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP5038TR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP5038TR
Description  IR Receiver Module for Light Barrier Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP5038TR Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP5038TR Datasheet HTML 1Page - Vishay Siliconix TSOP5038TR Datasheet HTML 2Page - Vishay Siliconix TSOP5038TR Datasheet HTML 3Page - Vishay Siliconix TSOP5038TR Datasheet HTML 4Page - Vishay Siliconix TSOP5038TR Datasheet HTML 5Page - Vishay Siliconix TSOP5038TR Datasheet HTML 6Page - Vishay Siliconix TSOP5038TR Datasheet HTML 7Page - Vishay Siliconix TSOP5038TR Datasheet HTML 8Page - Vishay Siliconix TSOP5038TR Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 81904
www.vishay.com
Rev. 1.2, 13-Aug-09
3
TSOP5038
IR Receiver Module for Light Barrier
Systems
Vishay Semiconductors
Fig. 3 - Output Function
Fig. 4 - Output Pulse Diagram
Fig. 5 - Frequency Dependence of Responsivity
Fig. 6 - Sensitivity vs. Supply Voltage Disturbances
Fig. 7 - Sensitivity vs. Electric Field Disturbances
Fig. 8 - Sensitivity vs. Ambient Temperature
E e
t
VO
VOH
VOL
t
600 µs
600 µs
t = 60 ms
t on
t off
94 8134
Optical Test Signal
Output Signal, (see fig. 4)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
1
10
102
103
104
105
E
e - Irradiance (mW/m²)
21392
λ = 950 nm,
Optical Test Signal, Fig. 3
T
on
T
off
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.7
0.9
1.1
1.3
f/f0 - Relative Frequency
16925
f = f
0 ± 5 %
Δ f(3 dB) = f
0/10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1
10
100
1000
ΔVs
RMS - AC Voltage on DC Supply Voltage (mV)
21394
f = f
0
f = 20 kHz
f = 30 kHz
f = 100 Hz
f = 10 kHz
0
50
100
150
200
250
300
350
400
450
500
0
500
1000
1500
2000
2500
3000
f - EMI Frequency (MHz)
20747
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
- 30
- 10
10
30
50
70
90
T
amb - Ambient Temperature (°C)
21407


Similar Part No. - TSOP5038TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP5230 VISHAY-TSOP5230 Datasheet
2Mb / 8P
   Photo Module for High Data Rates PCM Remote Control
Rev. 1, 08-Mar-01
TSOP5233 VISHAY-TSOP5233 Datasheet
2Mb / 8P
   Photo Module for High Data Rates PCM Remote Control
Rev. 1, 08-Mar-01
TSOP5236 VISHAY-TSOP5236 Datasheet
2Mb / 8P
   Photo Module for High Data Rates PCM Remote Control
Rev. 1, 08-Mar-01
TSOP5237 VISHAY-TSOP5237 Datasheet
2Mb / 8P
   Photo Module for High Data Rates PCM Remote Control
Rev. 1, 08-Mar-01
TSOP5238 VISHAY-TSOP5238 Datasheet
2Mb / 8P
   Photo Module for High Data Rates PCM Remote Control
Rev. 1, 08-Mar-01
More results

Similar Description - TSOP5038TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP4038 VISHAY-TSOP4038 Datasheet
105Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 28-Mar-12
TSSP980 VISHAY-TSSP980 Datasheet
171Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSOP58038 VISHAY-TSOP58038 Datasheet
355Kb / 11P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 13-Aug-09
TSSP580 VISHAY-TSSP580 Datasheet
168Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSSP40SS1XB VISHAY-TSSP40SS1XB_V01 Datasheet
181Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSSP4038 VISHAY-TSSP4038 Datasheet
105Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.1, 13-Mar-12
TSSP58038 VISHAY-TSSP58038 Datasheet
120Kb / 6P
   IR Receiver Module for Light Barrier Systems
Rev. 1.4, 31-Aug-15
TSSP58038SS1XB VISHAY-TSSP58038SS1XB Datasheet
121Kb / 6P
   IR Receiver Module for Light Barrier Systems
Rev. 1.0, 19-Jan-16
TSSP40SS1XB VISHAY-TSSP40SS1XB Datasheet
115Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 19-Oct-16
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
   IR-Receiver for Remote Control Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com