Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV010A-15TC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT27LV010A-15TC
Description  1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV010A-15TC Datasheet(HTML) 6 Page - ATMEL Corporation

  AT27LV010A-15TC Datasheet HTML 1Page - ATMEL Corporation AT27LV010A-15TC Datasheet HTML 2Page - ATMEL Corporation AT27LV010A-15TC Datasheet HTML 3Page - ATMEL Corporation AT27LV010A-15TC Datasheet HTML 4Page - ATMEL Corporation AT27LV010A-15TC Datasheet HTML 5Page - ATMEL Corporation AT27LV010A-15TC Datasheet HTML 6Page - ATMEL Corporation AT27LV010A-15TC Datasheet HTML 7Page - ATMEL Corporation AT27LV010A-15TC Datasheet HTML 8Page - ATMEL Corporation AT27LV010A-15TC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Pin Capacitance (f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
48
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Output Test Load
Note: CL = 100 pF
including jig capacitance.
tR, tF < 20 ns (10% to 90%)
Input Test Waveform and Measurement Level
3-100
AT27LV010A


Similar Part No. - AT27LV010A-15TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV010A-70JI ATMEL-AT27LV010A-70JI Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A-70JU ATMEL-AT27LV010A-70JU Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A-70TI ATMEL-AT27LV010A-70TI Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A-70TU ATMEL-AT27LV010A-70TU Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A-70VI ATMEL-AT27LV010A-70VI Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV010A-15TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com