Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP5413T252RGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPP5413T252RGB
Description  P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP5413T252RGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPP5413T252RGB Datasheet HTML 1Page - SYNC POWER Crop. SPP5413T252RGB Datasheet HTML 2Page - SYNC POWER Crop. SPP5413T252RGB Datasheet HTML 3Page - SYNC POWER Crop. SPP5413T252RGB Datasheet HTML 4Page - SYNC POWER Crop. SPP5413T252RGB Datasheet HTML 5Page - SYNC POWER Crop. SPP5413T252RGB Datasheet HTML 6Page - SYNC POWER Crop. SPP5413T252RGB Datasheet HTML 7Page - SYNC POWER Crop. SPP5413T252RGB Datasheet HTML 8Page - SYNC POWER Crop. SPP5413T252RGB Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2011/09/ 26
Ver.3
Page 1
SPP5413
P-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPP5413 is the P-Channel logic enhancement mode
power field effect transistors are produced using high cell
density , DMOS trench technology. The SPP5413 has
been designed specifically to improve the overall
efficiency of DC/DC converters using either synchronous
or conventional switching PWM controllers. It has been
optimized for low gate charge, low RDS(ON) and fast
switching speed.
Power Management in Note book
Powered System
DC/DC Converter
Load Switch
FEATURES
PIN CONFIGURATION
TO-252
PART MARKING
-40V/-10A,RDS(ON)= 26mΩ@VGS=- 10V
-40V/- 8A,RDS(ON)= 36mΩ@VGS=- 4.5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
TO-252 package design


Similar Part No. - SPP5413T252RGB

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPP WELWYN-SPP Datasheet
109Kb / 2P
   General Purpose Wirewound Resistors
logo
TT Electronics.
SPP TTELEC-SPP Datasheet
409Kb / 3P
   Lower ranges available - contact factory
SPP TTELEC-SPP Datasheet
510Kb / 3P
   Fibre Core Conformal Coated Wirewound Resistor
logo
Frequency Devices, Inc.
SPP-01 FREQUENCYDEVICES-SPP-01 Datasheet
731Kb / 4P
   Dual Channel, Differential Input Signal Processing Platform
SPP-01M FREQUENCYDEVICES-SPP-01M Datasheet
731Kb / 4P
   Dual Channel, Differential Input Signal Processing Platform
More results

Similar Description - SPP5413T252RGB

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com