Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C1024-70VI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27C1024-70VI
Description  1-Megabit 64K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C1024-70VI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27C1024-70VI Datasheet HTML 1Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 2Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 3Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 4Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 5Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 6Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 7Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 8Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AT27C1024
5
AC Waveforms for Read Operation(1)
Notes:
1.
Timing measurement reference level is 1.5V for -45 and -55 devices. Input AC drive levels are VIL = 0.0V and VIH = 3.0V.
Timing measurement reference levels for all other speed grades are VOL = 0.8V and VOH = 2.0V. Input AC drive levels are
VIL = 0.45V and VIH = 2.4V.
2.
OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE.
3.
OE may be delayed up to tACC - tOE after the address is valid without impact on tACC.
4.
This parameter is only sampled and is not 100% tested.
5.
Output float is defined as the point when data is no longer driven.
Pin Capacitance
(f = 1 MHz T = 25°C)(1)
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Typ
Max
Units
Conditions
CIN
410
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Input Test Waveforms and Measurement Levels
For -45 and -55
Devices Only
For -70 and slower
Devices Only
Output Test Load
Note:
CL = 100 pF including jig
capacitance except -45 and -55
devices, where CL = 30 pF.


Similar Part No. - AT27C1024-70VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024-70VI ATMEL-AT27C1024-70VI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
More results

Similar Description - AT27C1024-70VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27BV1024 ATMEL-AT27BV1024_07 Datasheet
367Kb / 14P
   1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV1024 ATMEL-AT27BV1024 Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com