Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV040A-15TC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT27LV040A-15TC
Description  4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV040A-15TC Datasheet(HTML) 8 Page - ATMEL Corporation

  AT27LV040A-15TC Datasheet HTML 1Page - ATMEL Corporation AT27LV040A-15TC Datasheet HTML 2Page - ATMEL Corporation AT27LV040A-15TC Datasheet HTML 3Page - ATMEL Corporation AT27LV040A-15TC Datasheet HTML 4Page - ATMEL Corporation AT27LV040A-15TC Datasheet HTML 5Page - ATMEL Corporation AT27LV040A-15TC Datasheet HTML 6Page - ATMEL Corporation AT27LV040A-15TC Datasheet HTML 7Page - ATMEL Corporation AT27LV040A-15TC Datasheet HTML 8Page - ATMEL Corporation AT27LV040A-15TC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AC Programming Characteristics
TA = 25
± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
Sym-
bol
Parameter
Test
Conditions*
(1)
Limits
Units
Min
Max
tAS
Address Setup Time
2
µs
tOES
OE Setup Time
2
µs
tDS
Data Setup Time
2
µs
tAH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
tDFP
OE High to
Output Float Delay
(2)
0130
ns
tVPS
VPP Setup Time
2
µs
tVCS
VCC Setup Time
2
µs
tPW
CE Program Pulse Width
(3)
95
105
µs
tOE
Data Valid from OE
(2)
150
ns
tPRT
VPP Pulse Rise Time
During Programming
50
ns
*AC Conditions of Test:
Input Rise and Fall Times (10% to 90%).....................20 ns
Input Pulse Levels..........................................0.45V to 2.4V
Input Timing Reference Level..........................0.8V to 2.0V
Output Timing Reference Level.......................0.8V to 2.0V
Notes: 1. VCC must be applied simultaneously or before
VPP and removed simultaneously or after VPP.
2. This parameter is only sampled and is not 100%
tested. Output Float is defined as the point where
data is no longer driven —see timing diagram.
3. Program Pulse width tolerance is 100
µsec ± 5%.
Atmel’s 27LV040A Integrated
Product Identification Code
(1)
Codes
Pins
Hex
Data
A0
O7 O6 O5 O4 O3 O2 O1 O0
Manufacturer
00
0011110
1E
Device Type
10
0001011
0B
Note:
1. The AT27LV040A has the same Product
Identification Code as the AT27C040. Both are
programming compatible.
Rapid Programming Algorithm
A 100
µs CE pulse width is used to program. The address
is set to the first location. VCC is raised to 6.5V and VPP is
raised to 13.0V. Each address is first programmed with
one 100
µs CE pulse without verification. Then a verifica-
tion/reprogramming loop is executed for each address. In
the event a byte fails to pass verification, up to 10 succes-
sive 100
µs pulses are applied with a verification after
each pulse. If the byte fails to verify after 10 pulses have
been applied, the part is considered failed. After the byte
verifies properly, the next address is selected until all have
been checked. VPP is then lowered to 5.0V and VCC to
5.0V. All bytes are read again and compared with the
original data to determine if the device passes or fails.
3-122
AT27LV040A


Similar Part No. - AT27LV040A-15TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV040A-90JI ATMEL-AT27LV040A-90JI Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90JU ATMEL-AT27LV040A-90JU Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90TI ATMEL-AT27LV040A-90TI Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90TU ATMEL-AT27LV040A-90TU Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90VI ATMEL-AT27LV040A-90VI Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV040A-15TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com