Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV520-90SC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27LV520-90SC
Description  512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV520-90SC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27LV520-90SC Datasheet HTML 1Page - ATMEL Corporation AT27LV520-90SC Datasheet HTML 2Page - ATMEL Corporation AT27LV520-90SC Datasheet HTML 3Page - ATMEL Corporation AT27LV520-90SC Datasheet HTML 4Page - ATMEL Corporation AT27LV520-90SC Datasheet HTML 5Page - ATMEL Corporation AT27LV520-90SC Datasheet HTML 6Page - ATMEL Corporation AT27LV520-90SC Datasheet HTML 7Page - ATMEL Corporation AT27LV520-90SC Datasheet HTML 8Page - ATMEL Corporation AT27LV520-90SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AT27LV520
3
Absolute Maximum Ratings*
Temperature Under Bias ................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1.
Minimum voltage is -0.6V DC which may under-
shoot to -2.0V for pulses of less than 20 ns. Max-
imum output pin voltage is VCC + 0.75V DC
which may overshoot to +7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground ........................................ -2.0V to +7.0V(1)
Voltage on A9 with
Respect to Ground ..................................... -2.0V to +14.0V(1)
VPP Supply Voltage with
Respect to Ground ...................................... -2.0V to +14.0V(1)
Operating Modes
Notes:
1. X can be VIL or VIH.
2. Read, output disable, and standby modes require 3.0V
≤ V
CC ≤ 3.6V, or 4.5V ≤ VCC ≤ 5.5V.
3. Refer to Programming Characteristics.
4. VH = 12.0 ± 0.5V.
5. Two identifier bytes may be selected. All A8 - A15 inputs are held low (VIL), except A9 which is set to VH and A8 which is tog-
gled low (VIL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
Mode/Pin
ALE
OE/VPP
A8 - A15
AD0 - AD7
Read(2)
VIL
VIL
Ai
DOUT
Output Disable(2)
VIL/VIH
VIH
X(1)
High Z/A0 - A7
Standby
VIH
VIH
Ai
A0 - A7
Address Latch Enable(2)
VIH
VIH
XA0 - A7
Rapid Program(3)
VIH
VPP
Ai
DIN
Product Identification(4)
VIL
VIL
A9 = VH
(5)
A8 = VIH or VIL
A10 - A15 = VIL
Identification Code


Similar Part No. - AT27LV520-90SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
More results

Similar Description - AT27LV520-90SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27BV512 ATMEL-AT27BV512_07 Datasheet
408Kb / 15P
   512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com