Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02A-10TC-2.5 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C02A-10TC-2.5
Description  2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02A-10TC-2.5 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C02A-10TC-2.5 Datasheet HTML 1Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 2Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 3Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 4Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 5Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 6Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 7Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 8Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AT24C02A/04A/08A
2
Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive
edge clock data into each EEPROM device and negative
edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for
serial data transfer. This pin is open-drain driven and may
be wire-ORed with any number of other open-drain or open
collector devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1
and A0 pins are device address inputs that are hard wired
for the AT24C02A. As many as eight 2K devices may be
addressed on a single bus system (device addressing is
discussed in detail under the Device Addressing section).
The AT24C04A uses the A2 and A1 inputs for hard wire
addressing and a total of four 4K devices may be
addressed on a single bus system. The A0 pin is a no con-
nect.
The AT24C08A only uses the A2 input for hardwire
addr es si ng a nd a total of two 8K de vi ces ma y be
addressed on a single bus system. The A0 and A1 pins are
no connects.
WRITE PROTECT (WP): The AT24C02A/04A/08A has a
Write Protect pin that provides hardware data protection.
The Write Protect pin allows normal read/write operations
when connected to ground (GND). When the Write Protect
Absolute Maximum Ratings*
Operating Temperature .................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage........................................... 6.25V
DC Output Current........................................................ 5.0 mA


Similar Part No. - AT24C02A-10TC-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A-10TI-1.8 ATMEL-AT24C02A-10TI-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
AT24C02A-10TI-2.7 ATMEL-AT24C02A-10TI-2.7 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
AT24C02A-10TQ-2.7 ATMEL-AT24C02A-10TQ-2.7 Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
More results

Similar Description - AT24C02A-10TC-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com