Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV020A-90TI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27LV020A-90TI
Description  2 Megabit 256K x 8 Low Voltage OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV020A-90TI Datasheet(HTML) 9 Page - ATMEL Corporation

  AT27LV020A-90TI Datasheet HTML 1Page - ATMEL Corporation AT27LV020A-90TI Datasheet HTML 2Page - ATMEL Corporation AT27LV020A-90TI Datasheet HTML 3Page - ATMEL Corporation AT27LV020A-90TI Datasheet HTML 4Page - ATMEL Corporation AT27LV020A-90TI Datasheet HTML 5Page - ATMEL Corporation AT27LV020A-90TI Datasheet HTML 6Page - ATMEL Corporation AT27LV020A-90TI Datasheet HTML 7Page - ATMEL Corporation AT27LV020A-90TI Datasheet HTML 8Page - ATMEL Corporation AT27LV020A-90TI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AT27LV020A
9
Ordering Information
tACC
(ns)
ICC (mA)
VCC = 3.6V
Ordering Code
Package
Operation Range
Active
Standby
90
8
0.02
AT27LV020A-90JC
32J
Commercial
AT27LV020A-90TC
32T
(0°C to 70°C)
AT27LV020A-90VC
32V
8
0.02
AT27LV020A-90JI
32J
Industrial
AT27LV020A-90TI
32T
(-40°C to 85°C)
AT27LV020A-90VI
32V
120
8
0.02
AT27LV020A-12JC
32J
Commercial
AT27LV020A-12TC
32T
(0°C to 70°C)
AT27LV020A-12VC
32V
8
0.02
AT27LV020A-12JI
32J
Industrial
AT27LV020A-12TI
32T
(-40°C to 85°C)
AT27LV020A-12VI
32V
150
8
0.02
AT27LV020A-15JC
32J
Commercial
AT27LV020A-15TC
32T
(0°C to 70°C)
AT27LV020A-15VC
32V
8
0.02
AT27LV020A-15JI
32J
Industrial
AT27LV020A-15TI
32T
(-40°C to 85°C)
AT27LV020A-15VI
32V
Package Type
32J
32 Lead, Plastic J-Leaded Chip Carrier (PLCC)
32T
32 Lead, Plastic Thin Small Outline Package (TSOP) 8 x 20 mm
32V
32 Lead, Plastic Thin Small Outline Package (VSOP) 8 x 14 mm


Similar Part No. - AT27LV020A-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A-12JI ATMEL-AT27LV020A-12JI Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27LV020A-12JU ATMEL-AT27LV020A-12JU Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27LV020A-12TI ATMEL-AT27LV020A-12TI Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27LV020A-12TU ATMEL-AT27LV020A-12TU Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27LV020A-12VI ATMEL-AT27LV020A-12VI Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV020A-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com