Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C800-10RI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C800-10RI
Description  8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C800-10RI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C800-10RI Datasheet HTML 1Page - ATMEL Corporation AT27C800-10RI Datasheet HTML 2Page - ATMEL Corporation AT27C800-10RI Datasheet HTML 3Page - ATMEL Corporation AT27C800-10RI Datasheet HTML 4Page - ATMEL Corporation AT27C800-10RI Datasheet HTML 5Page - ATMEL Corporation AT27C800-10RI Datasheet HTML 6Page - ATMEL Corporation AT27C800-10RI Datasheet HTML 7Page - ATMEL Corporation AT27C800-10RI Datasheet HTML 8Page - ATMEL Corporation AT27C800-10RI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AT27C800
4
DC and Operating Characteristics for Read Operation
Notes:
1. V
CC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. V
PP may be connected directly to VCC except during programming. The supply current would then be the sum of ICC and IPP.
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
±1.0
µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC
±5.0
µA
I
PP1
(2)
V
PP
(1) Read/Standby Current
V
PP= VCC
±10
µA
I
SB
V
CC
(1) Standby Current
I
SB1 (CMOS)
CE = V
CC ± 0.3V
100
µA
I
SB2 (TTL)
CE = 2.0 to V
CC + 0.5V
1.0
mA
V
CC Active Current
f = 5MHz, I
OUT = 0 mA,
CE = V
IL
50
mA
V
IL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
V
OL
Output Low Voltage
I
OL= 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 mA
2.4
V
DC and AC Operating Conditions for Read Operation
AT27C800
-10
-12
-15
Operating Temperature (Case)
Com.
0
°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C
-40
°C - 85°C-40°C - 85°C
V
CC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
AC Characteristics for Read Operation
Notes:
2,3,4,5. See the AC Waveforms for Read Operation diagram.
Symbol
Parameter
Condition
AT27C800
Units
-10
-12
-15
Min
Max
Min
Max
Min
Max
t
ACC
(3)
Address to Output Delay
CE = OE = V
IL
100
120
150
ns
t
CE
(2)
CE to Output Delay
OE = V
IL
100
120
150
ns
t
OE
(2,3)
OE to Output Delay
CE = V
IL
40
40
50
ns
t
DF
(4,5)
OE or CE High to Output Float,
whichever occured first
30
35
40
ns
tOH
(4)
Output Hold from Address CE or OE,
whichever occured first
5.0
5.0
5.0
ns
t
ST
BYTE High to Output Valid
100
120
150
ns
t
STD
BYTE Low to Output Transition
40
50
60
ns


Similar Part No. - AT27C800-10RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010 ATMEL-AT27C010 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C010-12 ATMEL-AT27C010-12 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12JC ATMEL-AT27C010-12JC Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12JI ATMEL-AT27C010-12JI Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C800-10RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27BV800 ATMEL-AT27BV800 Datasheet
260Kb / 11P
   8-Megabit 512K x 16 or 1024K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Winbond
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
   1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
logo
STMicroelectronics
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
   NMOS 512K 64K x 8 UV EPROM
logo
Cypress Semiconductor
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
logo
ATMEL Corporation
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com