Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C040-12JC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27C040-12JC
Description  4-Megabit 512K x 8 OTP EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-12JC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27C040-12JC Datasheet HTML 1Page - ATMEL Corporation AT27C040-12JC Datasheet HTML 2Page - ATMEL Corporation AT27C040-12JC Datasheet HTML 3Page - ATMEL Corporation AT27C040-12JC Datasheet HTML 4Page - ATMEL Corporation AT27C040-12JC Datasheet HTML 5Page - ATMEL Corporation AT27C040-12JC Datasheet HTML 6Page - ATMEL Corporation AT27C040-12JC Datasheet HTML 7Page - ATMEL Corporation AT27C040-12JC Datasheet HTML 8Page - ATMEL Corporation AT27C040-12JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
AT27C040
0189F–EPROM–4/03
Notes:
1. X can be VIL or VIH.
2. Refer to Programming Characteristics
3. V
H = 12.0 ± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled
low (V
IL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
Operating Modes
Mode/Pin
CE
OE
Ai
VPP
Outputs
Read
V
IL
V
IL
Ai
X
(1)
D
OUT
Output Disable
X
V
IH
XX
High Z
Standby
VIH
XX
X
High Z
Rapid Program
(2)
V
IL
V
IH
Ai
V
PP
D
IN
PGM Verify
X
V
IL
Ai
V
PP
D
OUT
PGM Inhibit
VIH
VIH
XVPP
High Z
Product Identification
(4)
V
IL
V
IL
A9 = V
H
(3)
A0 = V
IH or VIL
A1 - A18 = VIL
X
Identification Code
Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground ............................................-2.0V to +7.0V
Voltage on A9 with
Respect to Ground .........................................-2.0V to +14.0V
VPP Supply Voltage with
Respect to Ground ..........................................-2.0V to +14.0V


Similar Part No. - AT27C040-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-70JI ATMEL-AT27C040-70JI Datasheet
354Kb / 14P
   4-Megabit
AT27C040-70JI ATMEL-AT27C040-70JI Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27C040-70JU ATMEL-AT27C040-70JU Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27C040-70PI ATMEL-AT27C040-70PI Datasheet
354Kb / 14P
   4-Megabit
AT27C040-70PI ATMEL-AT27C040-70PI Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results

Similar Description - AT27C040-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com