Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6156-3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH6156-3
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6156-3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH6156-3 Datasheet HTML 1Page - Vishay Siliconix SFH6156-3 Datasheet HTML 2Page - Vishay Siliconix SFH6156-3 Datasheet HTML 3Page - Vishay Siliconix SFH6156-3 Datasheet HTML 4Page - Vishay Siliconix SFH6156-3 Datasheet HTML 5Page - Vishay Siliconix SFH6156-3 Datasheet HTML 6Page - Vishay Siliconix SFH6156-3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Alternative Device Available
SFH6156
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 26-Jun-13
4
Document Number: 83671
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Rise time
IF = 10 mA, VCC = 5 V, TA = 25 °C, RL = 75
Ω
tr
2μs
Fall time
IF = 10 mA, VCC = 5 V, TA = 25 °C, RL = 75
Ω
tf
2μs
Turn-on time
IF = 10 mA, VCC = 5 V, TA = 25 °C, RL = 75
Ω
ton
3μs
Turn-off time
IF = 10 mA, VCC = 5 V, TA = 25 °C, RL = 75
Ω
toff
2.3
μs
Cut-off frequency
IF = 10 mA, VCC = 5 V, TA = 25 °C, RL = 75
Ω
fctr
250
kHz
SATURATED
Rise time
VCC = 5 V, TA = 25 °C, RL = 1 k
Ω, IF = 20 mA SFH6156-1
tr
2μs
VCC = 5 V, TA = 25 °C, RL = 1 k
Ω, IF = 10 mA
SFH6156-2
tr
3μs
SFH6156-3
tr
3μs
Fall time
VCC = 5 V, TA = 25 °C, RL = 1 k
Ω, IF = 20 mA SFH6156-1
tf
11
μs
VCC = 5 V, TA = 25 °C, RL = 1 k
Ω, IF = 10 mA
SFH6156-2
tf
14
μs
SFH6156-3
tf
14
μs
Turn-on time
VCC = 5 V, TA = 25 °C, RL = 1 k
Ω, IF = 20 mA SFH6156-1
ton
3μs
VCC = 5 V, TA = 25 °C, RL = 1 k
Ω, IF = 10 mA
SFH6156-2
ton
4.2
μs
SFH6156-3
ton
4.2
μs
Turn-off time
VCC = 5 V, TA = 25 °C, RL = 1 k
Ω, IF = 20 mA SFH6156-1
toff
18
μs
VCC = 5 V, TA = 25 °C, RL = 1 k
Ω, IF = 10 mA
SFH6156-2
toff
23
μs
SFH6156-3
toff
23
μs
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification (according to IEC 68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
VIOTM
10 000
Vpeak
VIORM
VIORM
890
Vpeak
PSO
PSO
400
mW
ISI
ISI
275
mA
TSI
TSI
175
°C
Creepage distance
7mm
Clearance distance
7mm
Insulation thickness, reinforced rated
per IEC 60950 2.10.5.1
0.4
mm


Similar Part No. - SFH6156-3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH6156-3 INFINEON-SFH6156-3 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH6156-3 VISHAY-SFH6156-3 Datasheet
139Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 06-Sep-06
SFH6156-3 VISHAY-SFH6156-3 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH6156-3 VISHAY-SFH6156-3 Datasheet
140Kb / 9P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.6, 20-Jul-04
SFH6156-3 VISHAY-SFH6156-3 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
More results

Similar Description - SFH6156-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com