Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAD5008 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TAD5008
Description  5 Bit Digital Attenuator Attenuation Range: 62 dB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TAD5008 Datasheet(HTML) 1 Page - API Technologies Corp

  TAD5008 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECTRUM MICROWAVE • 2144 Franklin Drive N.E. • Palm Bay, Florida 32905 • Phone: (888) 553-7531 • Fax: (888) 553-7532
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
818
www.specwave.com
5 Bit Digital Attenuator
Attenuation Range: 62 dB
Model TAD5008
50 to 250 MHz


Similar Part No. - TAD5008

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TAD5008 SPECTRUM-TAD5008 Datasheet
186Kb / 1P
   5 Bit Digital Attenuator
More results

Similar Description - TAD5008

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TAD2104 APITECH-TAD2104 Datasheet
563Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
TAD5009 APITECH-TAD5009 Datasheet
93Kb / 1P
   7 Bit Digital Attenuator Attenuation Range: 12.7 dB
TAD5007 APITECH-TAD5007 Datasheet
193Kb / 1P
   4 Bit Digital Attenuator Attenuation Range: 45 dB
TAD5010 APITECH-TAD5010 Datasheet
586Kb / 1P
   7 Bit Digital Attenuator Attenuation Range: 63.5 dB
logo
M/A-COM Technology Solu...
MAATSS0017 MA-COM-MAATSS0017_15 Datasheet
674Kb / 6P
   Digital Attenuator, 5-Bit, 15.5 dB
MAATSS0022 MA-COM-MAATSS0022_15 Datasheet
621Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB
MAATSS0021 MA-COM-MAATSS0021_15 Datasheet
551Kb / 4P
   Digital Attenuator, 15.5 dB, 5-Bit
logo
API Technologies Corp
TAD5006 APITECH-TAD5006 Datasheet
194Kb / 1P
   4 Bit Digital Attenuator Attentuation Range: 30 dB
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
   32 dB Attenuation Range
logo
API Technologies Corp
TGLR9025 APITECH-TGLR9025 Datasheet
608Kb / 1P
   RF Linearized Attenuator Attenuation Slope: 5 dB per Volt
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com