Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C512R-45RI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27C512R-45RI
Description  512K 64K x 8 OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R-45RI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27C512R-45RI Datasheet HTML 1Page - ATMEL Corporation AT27C512R-45RI Datasheet HTML 2Page - ATMEL Corporation AT27C512R-45RI Datasheet HTML 3Page - ATMEL Corporation AT27C512R-45RI Datasheet HTML 4Page - ATMEL Corporation AT27C512R-45RI Datasheet HTML 5Page - ATMEL Corporation AT27C512R-45RI Datasheet HTML 6Page - ATMEL Corporation AT27C512R-45RI Datasheet HTML 7Page - ATMEL Corporation AT27C512R-45RI Datasheet HTML 8Page - ATMEL Corporation AT27C512R-45RI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
0015O–EPROM–12/07
AT27C512R
Note:
1. See AC Waveforms for Read Operation.
10. AC Waveforms for Read Operation(1)
Notes:
1. Timing measurement reference level is 1.5V for -45 devices. Input AC drive levels are V
IL = 0.0V and VIH = 3.0V. Timing mea-
surement reference levels for all other speed grades are VOL = 0.8V and VOH = 2.0V. Input AC drive levels are VIL = 0.45V
and V
IH = 2.4V.
2. OE/V
PP may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE.
3. OE/VPP may be delayed up to tACC - tOE after the address is valid without impact on tACC.
4. This parameter is only sampled and is not 100% tested.
5. Output float is defined as the point when data is no longer driven.
9.
AC Characteristics for Read Operation
Symbol
Parameter
Condition
AT27C512R
Units
-45
-70
Min
Max
Min
Max
tACC
(1)
Address to Output Delay
CE = OE/VPP = VIL
45
70
ns
t
CE
(1)
CE to Output Delay
OE/V
PP = VIL
45
70
ns
tOE
(1)
OE/VPP to Output Delay
CE = VIL
20
30
ns
tDF
(1)
OE/VPP or CE High to Output Float, Whichever Occurred First
20
25
ns
tOH
Output Hold from Address, CE or OE/V
PP, Whichever Occurred
First
77
ns


Similar Part No. - AT27C512R-45RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-45RI ATMEL-AT27C512R-45RI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
More results

Similar Description - AT27C512R-45RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com