Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C82 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZX85C82
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85C82 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZX85C82 Datasheet HTML 1Page - Vishay Siliconix BZX85C82 Datasheet HTML 2Page - Vishay Siliconix BZX85C82 Datasheet HTML 3Page - Vishay Siliconix BZX85C82 Datasheet HTML 4Page - Vishay Siliconix BZX85C82 Datasheet HTML 5Page - Vishay Siliconix BZX85C82 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BZX85-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 22-Nov-11
2
Document Number: 85607
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Measured with pulses tp = 5 ms
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
(3) Measured with f = 1 kHz
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
LAEKAGE
CURRENT
DYNAMIC
RESISTANCE (3)
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
ADMISSIBLE
ZENER
CURRENT (2)
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
αVZ at IZT1
IZ
V
mA
μA
V
Ω
%/°C
mA
MIN. NOM. MAX.
MAX.
MAX.
MIN.
MAX.
BZX85C2V7
2.5
2.7
2.9
80
1
< 150
1
< 20
< 400
- 0.08
- 0.05
360
BZX85C3V0
2.8
3.0
3.2
80
1
< 100
1
< 20
< 400
- 0.08
- 0.05
330
BZX85C3V3
3.1
3.3
3.5
80
1
< 40
1
< 20
< 400
- 0.08
- 0.05
300
BZX85C3V6
3.4
3.6
3.8
60
1
< 20
1
< 20
< 500
- 0.08
- 0.05
290
BZX85C3V9
3.7
3.9
4.1
60
1
< 10
1
< 15
< 500
- 0.07
- 0.02
280
BZX85C4V3
4
4.3
4.6
50
1
< 3
1
< 13
< 500
- 0.05
0.01
250
BZX85C4V7
4.4
4.7
5
45
1
< 3
1
< 13
< 600
- 0.03
0.04
215
BZX85C5V1
4.8
5.1
5.4
45
1
< 1
1.5
< 10
< 500
- 0.01
0.04
200
BZX85C5V6
5.2
5.6
6
45
1
< 1
2
< 7
< 400
0
0.045
190
BZX85C6V2
5.8
6.2
6.6
35
1
< 1
3
< 4
< 300
0.01
0.055
170
BZX85C6V8
6.4
6.8
7.2
35
1
< 1
4
< 3.5
< 300
0.015
0.06
155
BZX85C7V5
7
7.5
7.9
35
0.5
< 1
4.5
< 3
< 200
0.02
0.065
140
BZX85C8V2
7.7
8.2
8.7
25
0.5
< 1
6.2
< 5
< 200
0.03
0.07
130
BZX85C9V1
8.5
9.1
9.6
25
0.5
< 1
6.8
< 5
< 200
0.035
0.075
120
BZX85C10
9.4
10
10.6
25
0.5
< 0.5
7.5
< 7
< 200
0.04
0.08
105
BZX85C11
10.4
11
11.6
20
0.5
< 0.5
8.2
< 8
< 300
0.045
0.08
97
BZX85C12
11.4
12
12.7
20
0.5
< 0.5
9.1
< 9
< 350
0.045
0.085
88
BZX85C13
12.4
13
14.1
20
0.5
< 0.5
10
< 10
< 400
0.05
0.085
79
BZX85C15
13.8
15
15.6
15
0.5
< 0.5
11
< 15
< 500
0.055
0.09
71
BZX85C16
15.3
16
17.1
15
0.5
< 0.5
12
< 15
< 500
0.055
0.09
66
BZX85C18
16.8
18
19.1
15
0.5
< 0.5
13
< 20
< 500
0.06
0.09
62
BZX85C20
18.8
20
21.2
10
0.5
< 0.5
15
< 24
< 600
0.06
0.09
56
BZX85C22
20.8
22
23.3
10
0.5
< 0.5
16
< 25
< 600
0.06
0.095
52
BZX85C24
22.8
24
25.6
10
0.5
< 0.5
18
< 25
< 600
0.06
0.095
47
BZX85C27
25.1
27
28.9
8
0.25
< 0.5
20
< 30
< 750
0.06
0.095
41
BZX85C30
28
30
32
8
0.25
< 0.5
22
< 30
< 1000
0.06
0.095
36
BZX85C33
31
33
35
8
0.25
< 0.5
24
< 35
< 1000
0.06
0.095
33
BZX85C36
34
36
38
8
0.25
< 0.5
27
< 40
< 1000
0.06
0.095
30
BZX85C39
37
39
41
6
0.25
< 0.5
30
< 50
< 1000
0.06
0.095
28
BZX85C43
40
43
46
6
0.25
< 0.5
33
< 50
< 1000
0.06
0.095
26
BZX85C47
44
47
50
4
0.25
< 0.5
36
< 90
< 1500
0.06
0.095
23
BZX85C51
48
51
54
4
0.25
< 0.5
39
< 115
< 1500
0.06
0.095
21
BZX85C56
52
56
60
4
0.25
< 0.5
43
< 120
< 2000
0.06
0.095
19
BZX85C62
58
62
66
4
0.25
< 0.5
47
< 125
< 2000
0.06
0.095
16
BZX85C68
64
68
72
4
0.25
< 0.5
51
< 130
< 2000
0.055
0.095
15
BZX85C75
70
75
80
4
0.25
< 0.5
56
< 135
< 2000
0.055
0.095
14
BZX85C82
77
82
87
2.7
0.25
< 0.5
62
< 200
< 3000
0.055
0.095
12
BZX85C91
85
91
96
2.7
0.25
< 0.5
68
< 250
< 3000
0.055
0.095
10
BZX85C100
96
100
106
2.7
0.25
< 0.5
75
< 350
< 3000
0.055
0.095
9.4


Similar Part No. - BZX85C82

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX85C82 EIC-BZX85C82 Datasheet
18Kb / 2P
   SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
BZX85C82 SUNMATE-BZX85C82 Datasheet
364Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C82 GOOD-ARK-BZX85C82 Datasheet
129Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX85C82 TSC-BZX85C82 Datasheet
150Kb / 5P
   Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
logo
Vishay Siliconix
BZX85C82 VISHAY-BZX85C82 Datasheet
158Kb / 7P
   Zener Diodes
Rev. 1.8, 31-May-07
More results

Similar Description - BZX85C82

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com