Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE13A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P6KE13A
Description  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KE13A Datasheet(HTML) 2 Page - Vishay Siliconix

  P6KE13A Datasheet HTML 1Page - Vishay Siliconix P6KE13A Datasheet HTML 2Page - Vishay Siliconix P6KE13A Datasheet HTML 3Page - Vishay Siliconix P6KE13A Datasheet HTML 4Page - Vishay Siliconix P6KE13A Datasheet HTML 5Page - Vishay Siliconix P6KE13A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P6KE6.8A thru P6KE540A
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
2
Document Number: 88369
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bi-directional types with VWM of 10 V and less the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/EEE CA62.35
(+)
Underwriters laboratory recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both uni-directional and bi-directional devices
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM (3)
ID (μA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICENT
AT VBR
(%/°C)
MIN.
MAX.
(+)P6KE6.8A
6.45
7.14
10
5.80
1000
57.1
10.5
0.057
(+)P6KE7.5A
7.13
7.88
10
6.40
500
53.1
11.3
0.061
(+)P6KE8.2A
7.79
8.61
10
7.02
200
49.6
12.1
0.065
(+)P6KE9.1A
8.65
9.55
1.0
7.78
50
44.8
13.4
0.068
(+)P6KE10A
9.50
10.5
1.0
8.55
10
41.4
14.5
0.073
(+)P6KE11A
10.5
11.6
1.0
9.40
5.0
38.5
15.6
0.075
(+)P6KE12A
11.4
12.6
1.0
10.2
5.0
35.9
16.7
0.078
(+)P6KE13A
12.4
13.7
1.0
11.1
5.0
33.0
18.2
0.081
(+)P6KE15A
14.3
15.8
1.0
12.8
1.0
28.3
21.2
0.084
(+)P6KE16A
15.2
16.8
1.0
13.6
1.0
26.7
22.5
0.086
(+)P6KE18A
17.1
18.9
1.0
15.3
1.0
23.8
25.2
0.088
(+)P6KE20A
19.0
21.0
1.0
17.1
1.0
21.7
27.7
0.090
(+)P6KE22A
20.9
23.1
1.0
18.8
1.0
19.6
30.6
0.092
(+)P6KE24A
22.8
25.2
1.0
20.5
1.0
18.1
33.2
0.094
(+)P6KE27A
25.7
28.4
1.0
23.1
1.0
16.0
37.5
0.096
(+)P6KE30A
28.5
31.5
1.0
25.6
1.0
14.5
41.4
0.097
(+)P6KE33A
31.4
34.7
1.0
28.2
1.0
13.1
45.7
0.098
(+)P6KE36A
34.2
37.8
1.0
30.8
1.0
12.0
49.9
0.099
(+)P6KE39A
37.1
41.0
1.0
33.3
1.0
11.1
53.9
0.100
(+)P6KE43A
40.9
45.2
1.0
36.8
1.0
10.1
59.3
0.101
(+)P6KE47A
44.7
49.4
1.0
40.2
1.0
9.3
64.8
0.101
(+)P6KE51A
48.5
53.6
1.0
43.6
1.0
8.6
70.1
0.102
(+)P6KE56A
53.2
58.8
1.0
47.8
1.0
7.8
77.0
0.103
(+)P6KE62A
58.9
65.1
1.0
53.0
1.0
7.1
85.0
0.104
(+)P6KE68A
64.6
71.4
1.0
58.1
1.0
6.5
92.0
0.104
(+)P6KE75A
71.3
78.8
1.0
64.1
1.0
5.8
103
0.105
(+)P6KE82A
77.9
86.1
1.0
70.1
1.0
5.3
113
0.105
(+)P6KE91A
86.5
95.5
1.0
77.8
1.0
4.8
125
0.106
(+)P6KE100A
95.0
105
1.0
85.5
1.0
4.4
137
0.106
(+)P6KE110A
105
116
1.0
94.0
1.0
3.9
152
0.107
(+)P6KE120A
114
126
1.0
102
1.0
3.6
165
0.107
(+)P6KE130A
124
137
1.0
111
1.0
3.4
179
0.107
(+)P6KE150A
143
158
1.0
128
1.0
2.9
207
0.108
(+)P6KE160A
152
168
1.0
136
1.0
2.7
219
0.108
(+)P6KE170A
162
179
1.0
145
1.0
2.6
234
0.108
(+)P6KE180A
171
189
1.0
154
1.0
2.4
246
0.108
(+)P6KE200A
190
210
1.0
171
1.0
2.2
274
0.108
(+)P6KE220A
209
231
1.0
185
1.0
1.8
328
0.108
(+)P6KE250A
237
263
1.0
214
1.0
1.7
344
0.110
(+)P6KE300A
285
315
1.0
256
1.0
1.4
414
0.110
(+)P6KE350A
333
368
1.0
300
1.0
1.2
482
0.110
(+)P6KE400A
380
420
1.0
342
1.0
1.1
548
0.110
(+)P6KE440A
418
462
1.0
376
1.0
1.00
602
0.110
P6KE480A
456
504
1.0
408
1.0
0.91
658
0.110
P6KE510A
485
535
1.0
434
1.0
0.86
698
0.110
P6KE540A
513
567
1.0
459
1.0
0.81
740
0.110


Similar Part No. - P6KE13A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE13A VISHAY-P6KE13A Datasheet
116Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shanghai Shunye Electro...
P6KE13A SHUNYE-P6KE13A Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Motorola, Inc
P6KE13A MOTOROLA-P6KE13A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Socay Electornics Co., ...
P6KE13A SOCAY-P6KE13A Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Diodes Incorporated
P6KE13A DIODES-P6KE13A Datasheet
99Kb / 5P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 18 - 2
More results

Similar Description - P6KE13A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com