Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C1024-55PI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27C1024-55PI
Description  1-Megabit 64K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C1024-55PI Datasheet(HTML) 7 Page - ATMEL Corporation

  AT27C1024-55PI Datasheet HTML 1Page - ATMEL Corporation AT27C1024-55PI Datasheet HTML 2Page - ATMEL Corporation AT27C1024-55PI Datasheet HTML 3Page - ATMEL Corporation AT27C1024-55PI Datasheet HTML 4Page - ATMEL Corporation AT27C1024-55PI Datasheet HTML 5Page - ATMEL Corporation AT27C1024-55PI Datasheet HTML 6Page - ATMEL Corporation AT27C1024-55PI Datasheet HTML 7Page - ATMEL Corporation AT27C1024-55PI Datasheet HTML 8Page - ATMEL Corporation AT27C1024-55PI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AT27C1024
7
AC Programming Characteristics
TA = 25 ± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
Notes:
1.
VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.
2.
This parameter is only sampled and is not 100%
tested. Output Float is defined as the point where data is no longer driven — see timing diagram.
3.
Program Pulse width tolerance is 100
µsec ± 5%.
Symbol
Parameter
Test Conditions
(1)
Limits
Units
Min
Max
tAS
Address Setup Time
Input Rise and Fall Times
(10% to 90%) 20ns
Input Pulse Levels
0.45V to 2.4V
Input Timing Reference Level
0.8V to 2.0V
Output Timing Reference Level
0.8V to 2.0V
2
µs
tCES
CE Setup Time
2
µs
tOES
OE Setup Time
2
µs
tDS
Data Setup Time
2
µs
tAH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
tDFP
OE High to Out-
put Float Delay(2)
0
130
ns
tVPS
VPP Setup Time
2
µs
tVCS
VCC Setup Time
2
µs
tPW
PGM Program Pulse Width(3)
95
105
µs
tOE
Data Valid from OE
150
ns
tPRT
VPP Pulse Rise Time During Programming
50
ns
Atmel’s 27C1024 Integrated
Product Identification Code
Codes
Pins
Hex
Data
A0
015-08
O7O6O5O4O3O2O1O0
Manufacturer
0
0
000
11110
001E
Device Type
1
0
111
10001
00F1


Similar Part No. - AT27C1024-55PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024-45JI ATMEL-AT27C1024-45JI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C1024-45PI ATMEL-AT27C1024-45PI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C1024-45VI ATMEL-AT27C1024-45VI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C1024-70JI ATMEL-AT27C1024-70JI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C1024-70PI ATMEL-AT27C1024-70PI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
More results

Similar Description - AT27C1024-55PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27BV1024 ATMEL-AT27BV1024_07 Datasheet
367Kb / 14P
   1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV1024 ATMEL-AT27BV1024 Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com