Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD12VS1UL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PESD12VS1UL
Description  Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD12VS1UL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD12VS1UL Datasheet HTML 4Page - NXP Semiconductors PESD12VS1UL Datasheet HTML 5Page - NXP Semiconductors PESD12VS1UL Datasheet HTML 6Page - NXP Semiconductors PESD12VS1UL Datasheet HTML 7Page - NXP Semiconductors PESD12VS1UL Datasheet HTML 8Page - NXP Semiconductors PESD12VS1UL Datasheet HTML 9Page - NXP Semiconductors PESD12VS1UL Datasheet HTML 10Page - NXP Semiconductors PESD12VS1UL Datasheet HTML 11Page - NXP Semiconductors PESD12VS1UL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PESDXS1UL_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 25 October 2011
8 of 15
NXP Semiconductors
PESDxS1UL series
Unidirectional ESD protection diodes
Fig 9.
ESD clamping test setup and waveforms
006aaa682
450
Ω
50
Ω
Note 1: IEC 61000-4-2 network
Cs = 150 pF; Rd = 330 Ω
RG 223/U
50
Ω coax
Rd
Cs
ESD TESTER
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 20 V/div
horizontal scale = 50 ns/div
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 10 V/div
horizontal scale = 50 ns/div
GND
GND
GND
GND
GND
GND
GND
unclamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
GND
unclamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
note 1
PESD24VS1UL
PESD15VS1UL
PESD12VS1UL
PESD5V0S1UL
PESD3V3S1UL
D.U.T.
(DEVICE
UNDER
TEST)


Similar Part No. - PESD12VS1UL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VS1UL NXP-PESD12VS1UL Datasheet
115Kb / 13P
   ESD protection diodes in a SOD882 package
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD12VS1UL NEXPERIA-PESD12VS1UL Datasheet
438Kb / 16P
   Unidirectional ESD protection diodes
Rev. 3 - 25 October 2011
PESD12VS1ULD NEXPERIA-PESD12VS1ULD Datasheet
874Kb / 12P
   Unidirectional ESD protection diode
PESD12VS1ULD-Q NEXPERIA-PESD12VS1ULD-Q Datasheet
240Kb / 12P
   Unidirectional ESD protection diode
13 July 2022
logo
NXP Semiconductors
PESD12VS1ULD PHILIPS-PESD12VS1ULD_15 Datasheet
309Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-11 May 2011
More results

Similar Description - PESD12VS1UL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD9X5.0L NEXPERIA-PESD9X5.0L Datasheet
289Kb / 15P
   Unidirectional ESD protection diodes
logo
NXP Semiconductors
PESDXS1UL PHILIPS-PESDXS1UL_15 Datasheet
303Kb / 15P
   Unidirectional ESD protection diodes
Rev. 3-25 October 2011
logo
Nexperia B.V. All right...
PESDXS1UL_SER NEXPERIA-PESDXS1UL_SER Datasheet
438Kb / 16P
   Unidirectional ESD protection diodes
Rev. 3 - 25 October 2011
PESD9XXL_SER NEXPERIA-PESD9XXL_SER Datasheet
174Kb / 14P
   Unidirectional ESD protection diodes
Rev. 1 - 16 December 2010
logo
NXP Semiconductors
PTVS30VP1UTP NXP-PTVS30VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Rev. 1-11 October 2011
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5V0L1UA NXP-PESD5V0L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5ZX NXP-PESD5ZX Datasheet
142Kb / 17P
   Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD5ZX PHILIPS-PESD5ZX Datasheet
142Kb / 17P
   Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com