Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C520-70XC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C520-70XC
Description  512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C520-70XC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C520-70XC Datasheet HTML 1Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 2Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 3Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 4Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 5Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 6Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 7Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 8Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AT27C520
4
DC and AC Operating Conditions for Read Operation
AT27C520
-70
-90
Operating Temp.(Case)
Com.
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
V
CC Supply
5V
± 10%
5V
± 10%
DC and Operating Characteristics for Read Operation
Note:
1. For address input A13 only.
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
±1
µA
I
LI2
(1)
Input Load Current A13
V
IN = 0V to VCC
±100
µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC
±5
µA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA
20
mA
V
IL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V
AC Characteristics for Read Operation
Notes:
1. 2, 3, 4 — see AC Waveforms for Read Operation
Symbol
Parameter
Condition
AT27C520
Units
-70
-90
Min
Max
Min
Max
t
ACC
(2)
Address to Output Delay
ALE = OE/V
PP = VIL
70
90
ns
tAS
Address Setup Time
OE/VPP = VIH
12
15
ns
tAH
Address Hold Time
OE/VPP = VIH
12
15
ns
tALE
Address Latch Enable Width
OE/VPP = VIH
40
45
ns
t
OE
(2)
OE/V
PP to Output Delay
ALE = V
IL
30
35
ns
t
DF
(3)(4)
OE/V
PP High to Output Float
ALE = V
IL
25
25
ns
t
OH
Output Hold from Address or
OE/V
PP , whichever occurred first
ALE = V
IL
70
ns


Similar Part No. - AT27C520-70XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-12 ATMEL-AT27C512R-12 Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JC ATMEL-AT27C512R-12JC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JI ATMEL-AT27C512R-12JI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C520-70XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV520 ATMEL-AT27LV520 Datasheet
129Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com