Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27BV020-15JI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27BV020-15JI
Description  2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV020-15JI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT27BV020-15JI Datasheet HTML 2Page - ATMEL Corporation AT27BV020-15JI Datasheet HTML 3Page - ATMEL Corporation AT27BV020-15JI Datasheet HTML 4Page - ATMEL Corporation AT27BV020-15JI Datasheet HTML 5Page - ATMEL Corporation AT27BV020-15JI Datasheet HTML 6Page - ATMEL Corporation AT27BV020-15JI Datasheet HTML 7Page - ATMEL Corporation AT27BV020-15JI Datasheet HTML 8Page - ATMEL Corporation AT27BV020-15JI Datasheet HTML 9Page - ATMEL Corporation AT27BV020-15JI Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AT27BV020
7
Programming Waveforms(1)
Notes:
1.
The Input Timing Reference is 0.8V for V
IL and 2.0V for VIH.
2.
t
OE and tDFP are characteristics of the device but must be accommodated by the programmer.
3.
When programming the AT27BV020 a 0.1
µF capacitor is required across V
PP and ground to suppress spurious voltage
transients.
DC Programming Characteristics
TA = 25 ± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions
Limits
Units
Min
Max
I
LI
Input Load Current
V
IN = VIL,VIH
±10
µA
V
IL
Input Low Level
-0.6
0.8
V
V
IH
Input High Level
2.0
V
CC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V
I
CC2
V
CC Supply Current
(Program and Verify)
40
mA
I
PP2
V
PP Supply Current
CE = PGM = V
IL
20
mA
V
ID
A9 Product
Identification Voltage
11.5
12.5
V


Similar Part No. - AT27BV020-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV020-90JI ATMEL-AT27BV020-90JI Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90JU ATMEL-AT27BV020-90JU Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90TI ATMEL-AT27BV020-90TI Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90TU ATMEL-AT27BV020-90TU Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90VI ATMEL-AT27BV020-90VI Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
More results

Similar Description - AT27BV020-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV256 ATMEL-AT27BV256_07 Datasheet
420Kb / 15P
   256K (32K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV400 ATMEL-AT27BV400 Datasheet
267Kb / 11P
   4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV256 ATMEL-AT27BV256 Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com