Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C520-70TC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27C520-70TC
Description  512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C520-70TC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT27C520-70TC Datasheet HTML 2Page - ATMEL Corporation AT27C520-70TC Datasheet HTML 3Page - ATMEL Corporation AT27C520-70TC Datasheet HTML 4Page - ATMEL Corporation AT27C520-70TC Datasheet HTML 5Page - ATMEL Corporation AT27C520-70TC Datasheet HTML 6Page - ATMEL Corporation AT27C520-70TC Datasheet HTML 7Page - ATMEL Corporation AT27C520-70TC Datasheet HTML 8Page - ATMEL Corporation AT27C520-70TC Datasheet HTML 9Page - ATMEL Corporation AT27C520-70TC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AT27C520
9
Ordering Information
tACC (ns)
I
CC (mA)
Active
Ordering Code
Package
Operation Range
70
20
AT27C520-70SC
AT27C520-70TC
AT27C520-70XC
20S
28T
20X
Commercial
(0
°C to 70°C)
AT27C520-70SI
AT27C520-70TI
AT27C520-70XI
20S
28T
20X
Industrial
(-40°C to 85°C)
90
20
AT27C520-90SC
AT27C520-90TC
AT27C520-90XC
20S
28T
20X
Commercial
(0
°C to 70°C)
AT27C520-90SI
AT27C520-90TI
AT27C520-90XI
20S
28T
20X
Industrial
(-40°C to 85°C)
Package Type
20S
20-Lead, 0.300” Wide, Plastic Gull-Wing Small Outline (SOIC)
28T
28-Lead, Thin Small Outline Package (TSOP)
20X
20-Lead, 0.173” Wide, Thin Shrink Small Outline (TSSOP)


Similar Part No. - AT27C520-70TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-12 ATMEL-AT27C512R-12 Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JC ATMEL-AT27C512R-12JC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JI ATMEL-AT27C512R-12JI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C520-70TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV520 ATMEL-AT27LV520 Datasheet
129Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com